Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DMP32D5SFB Datasheet(PDF) 3 Page - Diodes Incorporated

No. de pieza DMP32D5SFB
Descripción Electrónicos  30V P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP32D5SFB Datasheet(HTML) 3 Page - Diodes Incorporated

  DMP32D5SFB Datasheet HTML 1Page - Diodes Incorporated DMP32D5SFB Datasheet HTML 2Page - Diodes Incorporated DMP32D5SFB Datasheet HTML 3Page - Diodes Incorporated DMP32D5SFB Datasheet HTML 4Page - Diodes Incorporated DMP32D5SFB Datasheet HTML 5Page - Diodes Incorporated DMP32D5SFB Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DMP32D5SFB
Document number: DS38007 Rev. 3 - 2
3 of 6
www.diodes.com
November 2015
© Diodes Incorporated
DMP32D5SFB
0.0
0.2
0.4
0.6
0.8
1.0
0
1
2
3
4
5
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 1. Typical Output Characteristic
V
GS=-2.0V
V
GS=-2.5V
V
GS=-3.0V
V
GS=-4.0V
V
GS=-4.5V
V
GS=-10V
0
0.2
0.4
0.6
0.8
1
1
1.5
2
2.5
3
3.5
4
V
GS, GATE-SOURCE VOLTAGE (V)
Figure 2. Typical Transfer Characteristic
V
DS= -5V
T
A=-55℃
T
A=25℃
T
A=85℃
T
A=150℃
T
A=125℃
0.3
0.35
0.4
0.45
0.5
0.55
0.6
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
I
D, DRAIN-SOURCE CURRENT (A)
Figure 3. Typical On-Resistance vs. Drain Current and
Gate Voltage
V
GS=-4.5V
V
GS=-10V
0
0.5
1
1.5
2
2.5
3
0
2
4
6
8
10
12
14
16
18
20
V
GS, GATE-SOURCE VOLTAGE (V)
Figure 4. Typical Transfer Characteristic
I
D=-200mA
0.6
0.8
1
1.2
1.4
1.6
1.8
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 6. On-Resistance Variation with Temperature
V
GS=-4.5V, ID=-200mA
V
GS=-10V, ID=-200mA
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0.55
0.6
0
0.2
0.4
0.6
0.8
1
I
D, DRAIN CURRENT (A)
Figure 5. Typical On-Resistance vs. Drain Current and
Temperature
V
GS=-10V
T
A=-55℃
T
A=25℃
T
A=85℃
T
A=125℃
T
A=150℃



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com