Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DMP32D5SFB Datasheet(PDF) 2 Page - Diodes Incorporated

No. de pieza DMP32D5SFB
Descripción Electrónicos  30V P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP32D5SFB Datasheet(HTML) 2 Page - Diodes Incorporated

  DMP32D5SFB Datasheet HTML 1Page - Diodes Incorporated DMP32D5SFB Datasheet HTML 2Page - Diodes Incorporated DMP32D5SFB Datasheet HTML 3Page - Diodes Incorporated DMP32D5SFB Datasheet HTML 4Page - Diodes Incorporated DMP32D5SFB Datasheet HTML 5Page - Diodes Incorporated DMP32D5SFB Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMP32D5SFB
Document number: DS38007 Rev. 3 - 2
2 of 6
www.diodes.com
November 2015
© Diodes Incorporated
DMP32D5SFB
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
-30
V
Gate-Source Voltage
VGSS
±25
V
Continuous Drain Current (Note 5)
VGS = -10V
TA = +25°C
TA = +70°C
ID
-400
-300
mA
Continuous Drain Current (Note 6)
VGS = -10V
TA = +25°C
TA = +70°C
ID
-500
-400
mA
Pulsed Drain Current (Note 5)
IDM
-1
A
Maximum Body Diode Continuous Current (Note 6)
IS
-800
mA
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Total Power Dissipation
(Note 5)
PD
0.5
W
(Note 6)
1.2
Thermal Resistance, Junction to Ambient
(Note 5)
RJA
255
°C/W
(Note 6)
108
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
-30
-
-
V
VGS = 0V, ID = -1mA
Zero Gate Voltage Drain Current TJ = +25°C
IDSS
-
-
-1
µA
VDS = -30V, VGS = 0V
Gate-Source Leakage
IGSS
-
-
±10
µA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(TH)
-1.3
-
-2.3
V
VDS = VGS, ID = -250μA
Static Drain-Source On-Resistance
RDS(ON)
-
-
2.4
Ω
VGS = -10V, ID = -200mA
4
VGS = -4.5V, ID = -200mA
Diode Forward Voltage
VSD
-
0.8
1.2
V
VGS = 0V, IS = -300mA
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
-
51
100
pF
VDS = -15V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
-
11
20
pF
Reverse Transfer Capacitance
Crss
-
9
20
pF
Total Gate Charge
Qg
-
0.62
2
nC
VGS = -4.5V
VDS = -10V,
ID = -200mA
Total Gate Charge
Qg
-
1.25
4
nC
VGS = -10V
Gate-Source Charge
Qgs
-
0.16
0.5
nC
Gate-Drain Charge
Qgd
-
0.21
0.5
nC
Turn-On Delay Time
tD(ON)
-
4.3
10
ns
VDS = -15V, ID = -500mA
VGS = -10V, RG = 1Ω
Turn-On Rise Time
tR
-
7.7
15
ns
Turn-Off Delay Time
tD(OFF)
-
31.9
60
ns
Turn-Off Fall Time
tF
-
17.8
40
ns
Notes:
5. Device mounted on FR-4 PC board, with minimum recommended pad layout, single sided.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper pad layout.
7 .Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to production testing.



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com