Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM8211M Datasheet(PDF) 10 Page - Nippon Precision Circuits Inc

No. de pieza SM8211M
Descripción Electrónicos  POCSAG Decoder For Pagers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NPC [Nippon Precision Circuits Inc]
Página de inicio  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8211M Datasheet(HTML) 10 Page - Nippon Precision Circuits Inc

Back Button SM8211M Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8211M Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8211M Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8211M Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8211M Datasheet HTML 10Page - Nippon Precision Circuits Inc SM8211M Datasheet HTML 11Page - Nippon Precision Circuits Inc SM8211M Datasheet HTML 12Page - Nippon Precision Circuits Inc SM8211M Datasheet HTML 13Page - Nippon Precision Circuits Inc SM8211M Datasheet HTML 14Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
SM8211M
NIPPON PRECISION CIRCUITS—10
Lock mode
If the sync code is detected during the preamble
period, device operation transfers to lock mode and
BS1 goes LOW. BS1 then goes HIGH again under
frame timing, where the frame number is set by flags
FF0 to FF2, and the 24 addresses are compared with
ID-ROM (If the frame number is 0, BS1 stays
HIGH). If errors of 2 bits or less occur, the address is
still recognized. Since there are two code words per
frame, this check is done twice.
When one of the 24 addresses does not match, BS1
goes LOW and the device waits for the next sync
code receive timing. If the sync code is still not
detected after two consecutive attempts, device oper-
ation transfers to idle mode, except during message
reception where operation stays in lock mode. If the
sync code is not detected on the second attempt, but
instead a pattern forming a preamble is detected,
device operation transfers to preamble mode and not
idle mode (preamble mode is more advantageous for
sync code detection).
Figure 6. Operating mode transition diagram
Switch-ON mode
Preamble mode
Idle mode
Lock mode
A
B
C
D
E
F
G
A: After RST goes LOW, ID code is read in sync with TX-CLK
B: Rate error or, within a fixed period, preamble pattern or sync code not detected
C: Preamble pattern detected
D: Sync code detected 1 cycle immediately after transferring from lock mode
E: Sync code not detected on 2 consecutive attempts
F: Same as E, but preamble pattern detected on the second attempt
G: Sync code detected
When one of the 24 addresses does match, ADD-
DET goes HIGH for the duration of the next code
word period and the corresponding 5-bit address
information is transmitted to the CPU on RX-DATA
in sync with RX-CLK. When the address informa-
tion is confirmed, BS1 is held HIGH and the mes-
sage is received. The 20-bit error-corrected message
data, a 2-bit error correction result code and an even-
parity bit form a 23-bit word that is sent to the CPU
on RX-DATA in sync with RX-CLK. When an
incoming message spans two or more batches, addi-
tional sync code detection occurs during sync code
receive timing.
Message reception ends when an address code or
idle code is detected, or when interrupted using the
BREAK input. When message reception ends, BS1
goes LOW and the device waits for either the address
detect timing of the next frame or the sync code
receive timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com