| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SM8211M Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc |
|
|
|||||||||||||||||||||||||||||
SM8211M Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc |
|
5 / 22 page ![]() SM8211M NIPPON PRECISION CIRCUITS—5 FUNCTIONAL DESCRIPTION Receive Format The receive format conforms to CCIR RPC No. 1 (POCSAG). Sync signal (SC) The sync signal is a continuous code word in the received signal, used for word synchronization. It comprises 31 bits in an M-series bit pattern plus one Figure 1. Receive signal format Preamble 0 SC 1234 567 SC SC ... 1 0 1 0 1 0 1 0 1 0 ... 1st batch 2nd and successive batches Sync code word 1 frame (= 2 code words) Frame number 1 code word (32 bits) Continuous 576-bit "1,0" bit pattern even-parity bit, making a 32-bit signal. The sync code word pattern is shown in table 1. Table 1. Sync code word Bit number Bit value Bit number Bit value Bit number Bit value Bit number Bit value 1091 17 0 25 1 2 1 101180261 3 1 110190270 4 1 121201281 5 1 130210291 6 1 140221300 7 0 151230310 8 0 160241320 |