Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MT8889C Datasheet(PDF) 7 Page - Mitel Networks Corporation

No. de pieza MT8889C
Descripción Electrónicos  Integrated DTMFTransceiver with Adaptive Micro Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MITEL [Mitel Networks Corporation]
Página de inicio  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8889C Datasheet(HTML) 7 Page - Mitel Networks Corporation

Back Button MT8889C Datasheet HTML 3Page - Mitel Networks Corporation MT8889C Datasheet HTML 4Page - Mitel Networks Corporation MT8889C Datasheet HTML 5Page - Mitel Networks Corporation MT8889C Datasheet HTML 6Page - Mitel Networks Corporation MT8889C Datasheet HTML 7Page - Mitel Networks Corporation MT8889C Datasheet HTML 8Page - Mitel Networks Corporation MT8889C Datasheet HTML 9Page - Mitel Networks Corporation MT8889C Datasheet HTML 10Page - Mitel Networks Corporation MT8889C Datasheet HTML 11Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
MT8889C/MT8889C-1
4-113
Figure 10 - Spectrum Plot
Scaling Information
10 dB/Div
Start Frequency = 0 Hz
Stop Frequency = 3400 Hz
Marker Frequency = 697 Hz and
1209 Hz
Burst Mode
In certain telephony applications it is required that
DTMF signals being generated are of a specific
duration
determined
either
by
the
particular
application or by any one of the exchange transmitter
specifications currently existing. Standard DTMF
signal timing can be accomplished by making use of
the Burst Mode. The transmitter is capable of issuing
symmetric bursts/pauses of predetermined duration.
This burst/pause duration is 51 ms±1 ms which is a
standard interval for autodialer and central office
applications. After the burst/pause has been issued,
the appropriate bit is set in the Status Register
indicating that the transmitter is ready for more data.
The timing described above is available when DTMF
mode has been selected. However, when CP mode
(Call Progress mode) is selected, the burst/pause
duration is doubled to 102 ms ±2 ms. Note that when
CP mode and Burst mode have been selected,
DTMF tones may be transmitted only and
not
received. In applications where a non-standard
burst/pause time is desirable, a software timing loop
or external timer can be used to provide the timing
pulses when the burst mode is disabled by enabling
and disabling the transmitter.
Single Tone Generation
A single tone mode is available whereby individual
tones from the low group or high group can be
generated. This mode can be used for DTMF test
equipment
applications,
acknowledgment
tone
generation and distortion measurements. Refer to
Control Register B description for details.
Table 2. Actual Frequencies Versus Standard
Requirements
Distortion Calculations
The MT8889C/MT8889C-1 is capable of producing
precise tone bursts with minimal error in frequency
(see Table 2). The internal summing amplifier is
followed by a first-order lowpass switched capacitor
filter
to
minimize
harmonic
components
and
intermodulation
products.
The
total
harmonic
distortion for a
single tone can be calculated using
Equation 1, which is the ratio of the total power of all
the extraneous frequencies to the power of the
fundamental frequency expressed as a percentage.
Equation 1. THD (%) For a Single Tone
ACTIVE
INPUT
OUTPUT FREQUENCY (Hz)
%ERROR
SPECIFIED
ACTUAL
L1
697
699.1
+0.30
L2
770
766.2
-0.49
L3
852
847.4
-0.54
L4
941
948.0
+0.74
H1
1209
1215.9
+0.57
H2
1336
1331.7
-0.32
H3
1477
1471.9
-0.35
H4
1633
1645.0
+0.73
THD (%) = 100
Vfundamental
V22f + V
2
3f + V
2
4f + .... V
2
nf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com