Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MT8889C Datasheet(PDF) 8 Page - Mitel Networks Corporation

No. de pieza MT8889C
Descripción Electrónicos  Integrated DTMFTransceiver with Adaptive Micro Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MITEL [Mitel Networks Corporation]
Página de inicio  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8889C Datasheet(HTML) 8 Page - Mitel Networks Corporation

Back Button MT8889C Datasheet HTML 4Page - Mitel Networks Corporation MT8889C Datasheet HTML 5Page - Mitel Networks Corporation MT8889C Datasheet HTML 6Page - Mitel Networks Corporation MT8889C Datasheet HTML 7Page - Mitel Networks Corporation MT8889C Datasheet HTML 8Page - Mitel Networks Corporation MT8889C Datasheet HTML 9Page - Mitel Networks Corporation MT8889C Datasheet HTML 10Page - Mitel Networks Corporation MT8889C Datasheet HTML 11Page - Mitel Networks Corporation MT8889C Datasheet HTML 12Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
MT8889C/MT8889C-1
4-114
The
Fourier
components
of
the
tone
output
correspond to V2f.... Vnf as measured on the output
waveform. The total harmonic distortion for a
dual
tone can be calculated using Equation 2. VL and VH
correspond to the low group amplitude and high
group amplitude, respectively and V2IMD is the sum
of all the intermodulation components. The internal
switched-capacitor filter following the D/A converter
keeps distortion products down to a very low level as
shown in Figure 10.
Equation 2. THD (%) For a Dual Tone
DTMF Clock Circuit
The internal clock circuit is completed with the
addition
of
a
standard
television
colour
burst
crystal. The crystal specification is as follows:
Frequency:
3.579545 MHz
Frequency Tolerance:
±
0.1%
Resonance Mode:
Parallel
Load Capacitance:
18pF
Maximum Series Resistance:150 ohms
Maximum Drive Level:
2mW
e.g.
CTS Knights MP036S
Toyocom TQC-203-A-9S
A number of MT8889C/MT8889C-1 devices can be
connected as shown in Figure 11 such that only one
crystal is required. Alternatively, the OSC1 inputs on
all devices can be driven from a TTL buffer with the
OSC2 outputs left unconnected.
Figure 11 - Common Crystal Connection
Microprocessor Interface
The MT8889C/MT8889C-1 design incorporates an
adaptive interface, which allows it to be connected to
V2L + V
2
H
V
2
2L + V
2
3L + .... V
2
nL + V
2
2H +
V23H + .. V
2
nH + V
2
IMD
THD (%) = 100
MT8889C/
OSC1
OSC2
MT8889C/
OSC1
OSC2
MT8889C/
OSC1
OSC2
3.579545 MHz
MT8889C-1
MT8889C-1
MT8889C-1
various kinds of microprocessors. Key functions of
this interface include the following:
Continuous activity on DS/RD is not necessary
to update the internal status registers.
senses whether input timing is that of an Intel or
Motorola controller by monitoring the DS (RD),
R/W (WR) and CS inputs.
generates equivalent CS signal for internal
operation for all processors.
differentiates between multiplexed and non-
multiplexed microprocessor buses. Address
and data are latched in accordingly.
compatible with Motorola and Intel processors.
Figure 17 shows the timing diagram for Motorola
microprocessors with separate address and data
buses.
Members
of
this
microprocessor
family
include 2 MHz versions of the MC6800, MC6802 and
MC6809. For the MC6809, the chip select (CS) input
signal is formed by NANDing the (E+Q) clocks and
address
decode
output.
For
the
MC6800
and
MC6802, CS is formed by NANDing VMA and
address decode output. On the falling edge of CS,
the internal logic senses the state of data strobe
(DS). When DS is low, Motorola processor operation
is selected.
Figure 18 shows the timing diagram for the Motorola
MC68HC11 (1 MHz) microcontroller. The chip select
(CS) input is formed by NANDing address strobe
(AS)
and
address
decode
output.
Again,
the
MT8889C/MT8889C-1 examines the state of DS on
the falling edge of CS to determine if the micro has a
Motorola bus (when DS is low). Additionally, the
Texas Instruments TMS370CX5X is qualified to have
a Motorola interface. Figure 12(a) summarizes
connection of these Motorola processors to the
MT8889C/MT8889C-1 DTMF transceiver.
Figures 19 and 20 are the timing diagrams for the
Intel 8031/8051 (12 MHz) and 8085 (5 MHz) micro-
controllers with multiplexed address and data buses.
The MT8889C/MT8889C-1 latches in the state of RD
on the falling edge of CS. When RD is high, Intel
processor operation is selected.
By NANDing the
address latch enable (ALE) output with the high-byte
address (P2) decode output, CS can be generated.
Figure 12(b) summarizes the connection of these
Intel
processors
to
the
MT8889C/MT8889C-1
transceiver.
NOTE: The adaptive micro interface relies on high-
to-low
transition
on
CS
to
recognize
the
microcontroller interface and this pin must not be tied
permanently low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com