Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MT8889C Datasheet(PDF) 10 Page - Mitel Networks Corporation

No. de pieza MT8889C
Descripción Electrónicos  Integrated DTMFTransceiver with Adaptive Micro Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MITEL [Mitel Networks Corporation]
Página de inicio  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8889C Datasheet(HTML) 10 Page - Mitel Networks Corporation

Back Button MT8889C Datasheet HTML 6Page - Mitel Networks Corporation MT8889C Datasheet HTML 7Page - Mitel Networks Corporation MT8889C Datasheet HTML 8Page - Mitel Networks Corporation MT8889C Datasheet HTML 9Page - Mitel Networks Corporation MT8889C Datasheet HTML 10Page - Mitel Networks Corporation MT8889C Datasheet HTML 11Page - Mitel Networks Corporation MT8889C Datasheet HTML 12Page - Mitel Networks Corporation MT8889C Datasheet HTML 13Page - Mitel Networks Corporation MT8889C Datasheet HTML 14Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
MT8889C/MT8889C-1
4-116
Table 6. Control Register A Description
Table 7
. Control Register B Description
BIT
NAME
DESCRIPTION
b0
TOUT
Tone Output Control. A logic high enables the tone output; a logic low turns the tone output
off. This bit controls all transmit tone functions.
b1
CP/DTMF
Call Progress or DTMF Mode Select. A logic high enables the receive call progress mode;
a logic low enables DTMF mode. In DTMF mode the device is capable of receiving and
transmitting DTMF signals. In CP mode a retangular wave representation of the received
tone signal will be present on the IRQ/CP output pin if IRQ has been enabled (control
register A, b2=1).
In order to be detected, CP signals must be within the bandwidth
specified in the AC Electrical Characteristics for Call Progress.
Note: DTMF signals cannot be detected when CP mode is selected.
b2
IRQ
Interrupt Enable. A logic high enables the interrupt function; a logic low de-activates the
interrupt function. When IRQ is enabled and DTMF mode is selected (control register A,
b1=0), the IRQ/CP output pin will go low when either 1) a valid DTMF signal has been
received for a valid guard time duration, or 2) the transmitter is ready for more data (burst
mode only).
b3
RSEL
Register Select. A logic high selects control register B for the next write cycle to the
control register address. After writing to control register B, the following control register
write cycle will be directed to control register A.
BIT
NAME
DESCRIPTION
b0
BURST
Burst Mode Select. A logic high de-activates burst mode; a logic low enables burst mode.
When activated, the digital code representing a DTMF signal (see Table 1) can be written
to the transmit register, which will result in a transmit DTMF tone burst and pause of equal
durations (typically 51 msec). Following the pause, the status register will be updated (b1 -
Transmit Data Register Empty), and an interrupt will occur if the interrupt mode has been
enabled.
When CP mode (control register A, b1) is enabled the normal tone burst and pause
durations are extended from a typical duration of 51 msec to 102 msec.
When BURST is high (de-activated) the transmit tone burst duration is determined by the
TOUT bit (control register A, b0).
b1
TEST
Test Mode Control. A logic high enables the test mode; a logic low de-activates the test
mode. When TEST is enabled and DTMF mode is selected (control register A, b1=0), the
signal present on the IRQ/CP pin will be analogous to the state of the DELAYED
STEERING bit of the status register (see Figure 7, signal b3).
b2
S/D
Single or Dual Tone Generation. A logic high selects the single tone output; a logic low
selects the dual tone (DTMF) output. The single tone generation function requires further
selection of either the row or column tones (low or high group) through the C/R bit (control
register B, b3).
b3
C/R
Column or Row Tone Select. A logic high selects a column tone output; a logic low selects
a row tone output. This function is used in conjunction with the S/D bit (control register B,
b2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com