Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CHA3694-QDG Datasheet(PDF) 6 Page - United Monolithic Semiconductors

No. de pieza CHA3694-QDG
Descripción Electrónicos  31-40GHz Variable Gain Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UMS [United Monolithic Semiconductors]
Página de inicio  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA3694-QDG Datasheet(HTML) 6 Page - United Monolithic Semiconductors

Back Button CHA3694-QDG_15 Datasheet HTML 2Page - United Monolithic Semiconductors CHA3694-QDG_15 Datasheet HTML 3Page - United Monolithic Semiconductors CHA3694-QDG_15 Datasheet HTML 4Page - United Monolithic Semiconductors CHA3694-QDG_15 Datasheet HTML 5Page - United Monolithic Semiconductors CHA3694-QDG_15 Datasheet HTML 6Page - United Monolithic Semiconductors CHA3694-QDG_15 Datasheet HTML 7Page - United Monolithic Semiconductors CHA3694-QDG_15 Datasheet HTML 8Page - United Monolithic Semiconductors CHA3694-QDG_15 Datasheet HTML 9Page - United Monolithic Semiconductors CHA3694-QDG_15 Datasheet HTML 10Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
CHA3694-QDG
31-40GHz Variable Gain Amplifier
Ref. : DSCHA3694QDG9322 - 18 Nov 09
6/16
Specifications subject to change without notice
Route Départementale 128, BP46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Typical Measured Performances
Tamb = +25°C, Vd = +3.5V, Vg tuned for Id = 160 mA
Measurements in the package access plan, using the proposed land pattern &
board, as defined in paragraph “Evaluation mother board:".
Linear Gain versus Frequency
Linear Gain versus Gain Control Voltage
Vctrl=-1.5V
Vctrl=-0.7V
Vctrl=-0.6V
Vctrl=-0.5V
Vctrl=-0.4V
Vctrl=-0.3V
Vctrl=+0.6V
Freq=40GHz
Freq=31GHz
-18
-14
-10
-6
-2
2
6
10
14
18
22
30
31
32
33
34
35
36
37
38
39
40
41
42
43
Frequency (GHz)
-18
-14
-10
-6
-2
2
6
10
14
18
22
-1,6
-1,4
-1,2
-1,0
-0,8
-0,6
-0,4
-0,2
0,0
0,2
0,4
0,6
Gain Control Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com