Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CHA3694-QDG Datasheet(PDF) 2 Page - United Monolithic Semiconductors

No. de pieza CHA3694-QDG
Descripción Electrónicos  31-40GHz Variable Gain Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UMS [United Monolithic Semiconductors]
Página de inicio  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA3694-QDG Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHA3694-QDG_15 Datasheet HTML 1Page - United Monolithic Semiconductors CHA3694-QDG_15 Datasheet HTML 2Page - United Monolithic Semiconductors CHA3694-QDG_15 Datasheet HTML 3Page - United Monolithic Semiconductors CHA3694-QDG_15 Datasheet HTML 4Page - United Monolithic Semiconductors CHA3694-QDG_15 Datasheet HTML 5Page - United Monolithic Semiconductors CHA3694-QDG_15 Datasheet HTML 6Page - United Monolithic Semiconductors CHA3694-QDG_15 Datasheet HTML 7Page - United Monolithic Semiconductors CHA3694-QDG_15 Datasheet HTML 8Page - United Monolithic Semiconductors CHA3694-QDG_15 Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
CHA3694-QDG
31-40GHz Variable Gain Amplifier
Ref. : DSCHA3694QDG9322 - 18 Nov 09
2/16
Specifications subject to change without notice
Route Départementale 128, BP46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Electrical Characteristics
Tamb = +25°C, Vd = +3.5V
Symbol
Parameter
Min
Typ
Max
Unit
Fop
Operating frequency range
31
40
GHz
G
Nominal gain @ max. gain (Vctrl=-1.5V) (31-34GHz)
Nominal gain @ max. gain (Vctrl=-1.5V) (34-40GHz)
13
16
15
18
dB
dB
NF
Noise figure @ max. gain (31-37GHz)
Noise figure @ max. gain (37-40GHz)
11
9
13
11
dB
dB
RLin
Input Return loss (any attenuation) (31-37GHz)
Input Return loss (any attenuation) (37-40GHz)
-4
-7
-3
-6
dB
dB
RLout
Output Return loss (any attenuation) (31-37GHz)
Output Return loss (any attenuation) (37-40GHz)
-7
-5
-6
-4
dB
dB
OIP3
Output 3
rd order intercept point @ nominal gain
23
25
dBm
P1dB
Output power at 1dB gain compression
@ nominal gain
15
17
dBm
Gc
Gain control range (31-34GHz)
Gain control range (37-40GHz)
23
17
25
19
dB
dB
Vd
Drain bias voltage
3.5
V
Id
Drain bias current *
120
160
200
mA
Id P1dB
Drain current at 1dB gain compression
180
mA
Vg
Gate bias voltage
-1
V
Vctrl
Variable gain control voltage
-1.5
+0.6
V
* Id not affected by Vctrl.
These values are representative of onboard measurements as defined on the drawing in
paragraph "Evaluation mother board".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com