Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CHA3694-QDG Datasheet(PDF) 4 Page - United Monolithic Semiconductors

No. de pieza CHA3694-QDG
Descripción Electrónicos  31-40GHz Variable Gain Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UMS [United Monolithic Semiconductors]
Página de inicio  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA3694-QDG Datasheet(HTML) 4 Page - United Monolithic Semiconductors

  CHA3694-QDG_15 Datasheet HTML 1Page - United Monolithic Semiconductors CHA3694-QDG_15 Datasheet HTML 2Page - United Monolithic Semiconductors CHA3694-QDG_15 Datasheet HTML 3Page - United Monolithic Semiconductors CHA3694-QDG_15 Datasheet HTML 4Page - United Monolithic Semiconductors CHA3694-QDG_15 Datasheet HTML 5Page - United Monolithic Semiconductors CHA3694-QDG_15 Datasheet HTML 6Page - United Monolithic Semiconductors CHA3694-QDG_15 Datasheet HTML 7Page - United Monolithic Semiconductors CHA3694-QDG_15 Datasheet HTML 8Page - United Monolithic Semiconductors CHA3694-QDG_15 Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
CHA3694-QDG
31-40GHz Variable Gain Amplifier
Ref. : DSCHA3694QDG9322 - 18 Nov 09
4/16
Specifications subject to change without notice
Route Départementale 128, BP46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Device thermal performances:
All the figures given in this section are obtained assuming that the QFN device is cooled
down only by conduction through the package thermal pad (no convection mode
considered).
The temperature is monitored at the package back-side interface (Tcase) as shown below.
The system maximum temperature must be adjusted in order to guarantee that Tcase
remains below than the maximum value specified in the next table. So, the system PCB
must be designed to comply with this requirement.
A derating must be applied on the dissipated power if the Tcase temperature can not be
maintained below than the maximum temperature specified (see the curve Pdiss. Max) in
order to guarantee the nominal device life time (MTTF).
Recommanded max. junction temperature (Tj max)
:
151 °C
Junction temperature absolute maximum rating
:
175 °C
Max. continuous dissipated power @ Tcase=
85
°C
:
0,56 W
=> Pdiss derating above Tcase
(1)=
85
°C
:
9 mW/°C
Junction-Case thermal resistance (Rth J-C)
(2)
:
<117 °C/W
Min. package back side operating temperature
(3)
:
-40 °C
Max. package back side operating temperature
(3)
:
85 °C
Min. storage temperature
:
-55 °C
Max. storage temperature
:
125 °C
(1) Derating at junction temperature constant = Tj max
(2) Rth J-C is calculated for a worst case where the hotter junction of the MMIC is considered.
(3) Tcase=Package back side temperature measured under the die-attach-pad (see the drawing below).
5.6
DEVICE THERMAL SPECIFICATION : CHA3694-QDG
0
0,1
0,2
0,3
0,4
0,5
0,6
-50
-25
0
25
50
75
100
125
Tcase (°C)
Pdiss. Max. (W)
Tcase
Example of QFN 16L 3x3
back-side view, temperature
reference point (Tcase) location.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com