Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MAX1602 Datasheet(PDF) 4 Page - Maxim Integrated Products

No. de pieza MAX1602
Descripción Electrónicos  Single-Channel CardBus and PCMCIA VCC/VPP Power-Switching Network
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MAXIM [Maxim Integrated Products]
Página de inicio  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1602 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1602 Datasheet HTML 1Page - Maxim Integrated Products MAX1602 Datasheet HTML 2Page - Maxim Integrated Products MAX1602 Datasheet HTML 3Page - Maxim Integrated Products MAX1602 Datasheet HTML 4Page - Maxim Integrated Products MAX1602 Datasheet HTML 5Page - Maxim Integrated Products MAX1602 Datasheet HTML 6Page - Maxim Integrated Products MAX1602 Datasheet HTML 7Page - Maxim Integrated Products MAX1602 Datasheet HTML 8Page - Maxim Integrated Products MAX1602 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Single-Channel CardBus and PCMCIA VCC/VPP
Power-Switching Network
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS
(VY = 3.3V, VX = 5V, 12IN = 12V, TA = -40°C to +85°C, unless otherwise noted.)
All switches 0V or high-Z, control inputs = 0V or VY
Any combination of VY switches on,
control inputs = 0V or VY, no VCC loads
12V switches on, control inputs = 0V or VY, no VPP loads
V
3.0
5.5
0.6
µA
15
VX Standby Supply Current
VY falling edge, hysteresis = 1%
Logic Input Low Voltage
__VCC, __VPP
VX, VY
200
12IN
µA
VY Quiescent Supply Current
1.8
µA
15
VX, all switches 0V or high-Z,
control inputs = 0V or VY, TA = TMIN to TMAX
12IN Standby Supply Current
V
1.4
2.9
Undervoltage Lockout Threshold
510
Any combination of VX switches on,
control inputs = 0V or high-Z, no VCC loads
CONDITIONS
12IN falling edge
2.3
2.9
V
11
13
All switches 0V or high-Z, control inputs = 0V or VY
12IN rising edge
Input Voltage Range
VX, VY falling edge
µA
30
VY Standby Supply Current
µA
50
VX Quiescent Supply Current
µA
100
12IN Quiescent Supply Current
UNITS
MIN
TYP
MAX
PARAMETER
V
1.6
Logic Input High Voltage
__VCC, __VPP
V
0.4
FAULT Output Low Voltage
ISINK = 1mA, low state
POWER-SUPPLY SECTION
Note 3: Not production tested.
Note 4: Thermal limit not active in standby state (all switches programmed to GND or high-Z state).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com