Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MAX1602 Datasheet(PDF) 9 Page - Maxim Integrated Products

No. de pieza MAX1602
Descripción Electrónicos  Single-Channel CardBus and PCMCIA VCC/VPP Power-Switching Network
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MAXIM [Maxim Integrated Products]
Página de inicio  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1602 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1602 Datasheet HTML 4Page - Maxim Integrated Products MAX1602 Datasheet HTML 5Page - Maxim Integrated Products MAX1602 Datasheet HTML 6Page - Maxim Integrated Products MAX1602 Datasheet HTML 7Page - Maxim Integrated Products MAX1602 Datasheet HTML 8Page - Maxim Integrated Products MAX1602 Datasheet HTML 9Page - Maxim Integrated Products MAX1602 Datasheet HTML 10Page - Maxim Integrated Products MAX1602 Datasheet HTML 11Page - Maxim Integrated Products MAX1602 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Single-Channel CardBus and PCMCIA VCC/VPP
Power-Switching Network
_______________________________________________________________________________________
9
_________Logic Truth Tables (cont.)
Table 3. “Databook” Code,
CODE = Mid-Supply (VY/2)
STBY = Standby Mode, X = Don’t Care
MODE
Active
Active
Active
Active
Active
A1VCC
STBY
AVPP
1
Active
STBY
0
1
1
1
0
0
1
1
A0VPP
1
VPP
X
VCC
X
GND
X
0
0
VCC
X
0
12IN
X
1
0
GND
0
X
X
High-Z
12IN
X
GND
VCC
VX
VY
VY
VX
VX
A0VCC
1
0
0
1
1
0
0
1
GND
VY
GND
MAX1602
CURRENT
LIMIT
6
1
0.25
0.25
VB3
VB12
40
40
DECODE
LOGIC
AND UVLO
CHARGE
PUMP
CURRENT
LIMIT
CHARGE
PUMP
CURRENT
LIMIT
THERMAL
SHUTDOWN
VCC
VCC
FAULT
GND
VCC
VCC
VPP
12IN
VY
VY
VX
CONTROL
INPUTS
VDD
SHDN
VB5
CHARGE
PUMP
Figure 1. Detailed Block Diagram
_______________Detailed Description
The MAX1602 power-switching IC contains a network of
low-resistance MOSFET switches that deliver selectable
VCC and VPP voltages to two CardBus or PC Card host
socket. Figure 1 is the detailed block diagram.
The power-input pins (VY, VX, 12IN) are completely
independent, however, power must always be applied
to VY for proper operation. Low inrush current is guaran-
teed by controlled switch rise times. VCC’s 100µs mini-
mum output rise time is 100% tested with a 1µF
capacitive load, and VPP’s 1ms minimum rise time is
guaranteed with a 0.1µF load. These respective capaci-
tive loads are chosen as worst-case card-insertion para-
meters. The internal switching control allows VCC and
VPP rise times to be controlled, and makes them nearly



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com