Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MAX1602 Datasheet(PDF) 10 Page - Maxim Integrated Products

No. de pieza MAX1602
Descripción Electrónicos  Single-Channel CardBus and PCMCIA VCC/VPP Power-Switching Network
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MAXIM [Maxim Integrated Products]
Página de inicio  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1602 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1602 Datasheet HTML 4Page - Maxim Integrated Products MAX1602 Datasheet HTML 5Page - Maxim Integrated Products MAX1602 Datasheet HTML 6Page - Maxim Integrated Products MAX1602 Datasheet HTML 7Page - Maxim Integrated Products MAX1602 Datasheet HTML 8Page - Maxim Integrated Products MAX1602 Datasheet HTML 9Page - Maxim Integrated Products MAX1602 Datasheet HTML 10Page - Maxim Integrated Products MAX1602 Datasheet HTML 11Page - Maxim Integrated Products MAX1602 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Figure 2. Application with Cirrus Logic Interface
Single-Channel CardBus and PCMCIA VCC/VPP
Power-Switching Network
10
______________________________________________________________________________________
independent of resistive and capacitive loads (see rise-
time photos in the
Typical Operating Characteristics).
Fall times are a function of loading, and are compensat-
ed by internal circuitry.
Power savings is automatic: internal charge pumps draw
very low current when the VCC switches are static.
Standby mode reduces switch supply current to 11µA.
Operating Modes
The MAX1602 is compatible with the Cirrus
CL-PD67XX, Databook DB86184, and Intel 82365SL PC
Card Interface Controllers (PCIC). Four control inputs
select the internal switches’ positions and the operating
modes according to the input code. Select the proper
code format for the chosen controller with the CODE
input pin (see
Pin Description and Tables 1, 2, and 3).
CODE reconfigures the logic decoder to one of three
interface controllers:
Low = Standard “Intel” code (Figure 3)
High = “Cirrus” code (Figure 2)
Mid-supply = “Databook” code (Figure 4)
An additional 1µA (3µA max) of VY supply current will
flow if CODE = mid-supply (VY/2).
The MAX1602 has two operating modes: normal and
standby. Normal mode supplies the selected outputs
with their appropriate supply voltages. Standby mode
places all switches at ground, high impedance, or a
combination of the two.
Overcurrent Protection
Peak detecting circuitry protects both the VCC and VPP
switches against overcurrent conditions. When current
through any switch exceeds the internal current limit
(4A for VCC switches and 200mA for VPP switches) the
switch turns off briefly, then turns on again at the con-
trolled rise rate. If the overcurrent condition lasts more
than 2µs, the
FAULT output goes low. FAULT is not
latched. A continuous short-circuit condition results in a
pulsed output current and a pulsed
FAULT output until
thermal shutdown is reached.
FAULT is open-drain and
requires an external pull-up resistor.
Thermal Shutdown
If the IC junction temperature rises above +150°C, the
thermal shutdown circuitry opens all switches, including
the GND switches, and
FAULT is pulled low. When the
temperature falls below +130°C, the switches turn on
again at the controlled rise rate. If the overcurrent con-
dition remains, the part cycles between thermal shut-
down and overcurrent.
Undervoltage Lockout
If the VX switch input voltage drops below 1.9V, the
associated switch turns off and
FAULT goes low. For
example, if VY is 3.3V and VX is 0V, and if the interface
controller selects VY, the VCC output will be 3.3V. If VX
is selected, VCC changes to a high-impedance output
and
FAULT goes low.
When a voltage is initially applied to 12IN, it must be
greater than 8V to allow the switch to operate.
Operation continues until the voltage falls below 2V
(the VPP output is high impedance).
When VY drops to less than 2.6V, all switches are
turned off and the VCC and VPP outputs are high
impedance.
__________Applications Information
Supply Bypassing
Bypass the VY, VX, and 12IN inputs with ceramic 0.1µF
capacitors. Bypass the VCC and VPP outputs with a
0.1µF capacitor for noise reduction and ESD protection.
VY
VY
VX
12IN
CODE
A:VPP_VCC
A:VPP_PGM
A:VCC_5
A:VCC_3
A0VPP
A1VPP
A0VCC
A1VCC
VCC
TO PC CARD SOCKET
SOCKET
INTERFACE
CIRRUS LOGIC
CL-PD6720
CL-PD6722
CL-PD6729
GND
VPP
VCC
MAX1602
TO PC
CARD
SOCKET
GND
+3.3V
+5V
+12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com