Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UPD75P4308GS Datasheet(PDF) 20 Page - NEC

No. de pieza UPD75P4308GS
Descripción Electrónicos  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

UPD75P4308GS Datasheet(HTML) 20 Page - NEC

Back Button UPD75P4308GS Datasheet HTML 16Page - NEC UPD75P4308GS Datasheet HTML 17Page - NEC UPD75P4308GS Datasheet HTML 18Page - NEC UPD75P4308GS Datasheet HTML 19Page - NEC UPD75P4308GS Datasheet HTML 20Page - NEC UPD75P4308GS Datasheet HTML 21Page - NEC UPD75P4308GS Datasheet HTML 22Page - NEC UPD75P4308GS Datasheet HTML 23Page - NEC UPD75P4308GS Datasheet HTML 24Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 60 page
background image
µPD75P4308
20
(4) Description of machine cycles
S indicates the number of machine cycles required for skipping of skip-specified instructions. The value of S varies
as shown below.
•
No skip ················································································ S = 0
•
Skipped instruction is 1-byte or 2-byte instruction ············ S = 1
•
Skipped instruction is 3-byte instructionNote ······················· S = 2
Note 3-byte instructions: BR !addr, BRA !addr1, CALL !addr, CALLA !addr1
Caution The GETI instruction is skipped for one machine cycle.
One machine cycle equals one cycle (= tCY) of the CPU clock
Φ. Use the PCC setting to select among four cycle
times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60