Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LTM8048 Datasheet(PDF) 6 Page - Linear Technology

No. de pieza LTM8048
Descripción Electrónicos  3.1VIN to 32VIN Isolated Module DC/DC Converter with LDO Post Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTM8048 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM8048_15 Datasheet HTML 2Page - Linear Technology LTM8048_15 Datasheet HTML 3Page - Linear Technology LTM8048_15 Datasheet HTML 4Page - Linear Technology LTM8048_15 Datasheet HTML 5Page - Linear Technology LTM8048_15 Datasheet HTML 6Page - Linear Technology LTM8048_15 Datasheet HTML 7Page - Linear Technology LTM8048_15 Datasheet HTML 8Page - Linear Technology LTM8048_15 Datasheet HTML 9Page - Linear Technology LTM8048_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTM8048
6
8048ff
For more information www.linear.com/LTM8048
Junction Temperature Rise vs
Load Current
VOUT2 LOAD CURRENT (mA)
10
9
8
4
6
0
5
7
2
3
1
8048 G18
0
100
300
200
250
150
50
3.3VIN
5VIN
12VIN
24VIN
VOUT2 = 1.2V
TYPICAL PERFORMANCE CHARACTERISTICS
Junction Temperature Rise vs
Load Current
Junction Temperature Rise vs
Load Current
Junction Temperature Rise vs
Load Current
Junction Temperature Rise vs
Load Current
Junction Temperature Rise vs
Load Current
VOUT2 LOAD CURRENT (mA)
10
9
8
4
6
0
5
7
2
3
1
8048 G19
0
100
300
200
250
150
50
3.3VIN
5VIN
12VIN
24VIN
VOUT2 = 1.5V
VOUT2 LOAD CURRENT (mA)
12
10
8
4
6
0
2
8048 G22
0
100
300
200
250
150
50
3.3VIN
5VIN
12VIN
24VIN
VOUT2 = 3.3V
VOUT2 LOAD CURRENT (mA)
10
9
8
4
6
0
5
7
2
3
1
8048 G20
0
100
300
200
250
150
50
3.3VIN
5VIN
12VIN
24VIN
VOUT2 = 1.8V
VOUT2 LOAD CURRENT (mA)
14
12
10
8
4
6
0
2
8048 G23
0
100
300
200
250
150
50
3.3VIN
5VIN
12VIN
24VIN
VOUT2 = 5V
VOUT2 LOAD CURRENT (mA)
10
9
8
4
6
0
5
7
2
3
1
8048 G21
0
100
300
200
250
150
50
3.3VIN
5VIN
12VIN
24VIN
VOUT2 = 2.5V
Unless otherwise noted, operating conditions are
as in Table 1 (TA = 25°C).
Junction Temperature Rise vs
Load Current
Junction Temperature Rise vs
Load Current
VOUT2 LOAD CURRENT (mA)
16
14
12
10
8
4
6
0
2
8048 G24
0
100
300
200
250
150
50
3.3VIN
5VIN
12VIN
24VIN
VOUT2 = 8V
VOUT2 LOAD CURRENT (mA)
16
14
12
10
8
4
6
0
2
8048 G25
0
100
250
200
150
50
3.3VIN
5VIN
12VIN
24VIN
VOUT2 = 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com