Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LTM8048 Datasheet(PDF) 1 Page - Linear Technology

No. de pieza LTM8048
Descripción Electrónicos  3.1VIN to 32VIN Isolated Module DC/DC Converter with LDO Post Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTM8048 Datasheet(HTML) 1 Page - Linear Technology

  LTM8048_15 Datasheet HTML 1Page - Linear Technology LTM8048_15 Datasheet HTML 2Page - Linear Technology LTM8048_15 Datasheet HTML 3Page - Linear Technology LTM8048_15 Datasheet HTML 4Page - Linear Technology LTM8048_15 Datasheet HTML 5Page - Linear Technology LTM8048_15 Datasheet HTML 6Page - Linear Technology LTM8048_15 Datasheet HTML 7Page - Linear Technology LTM8048_15 Datasheet HTML 8Page - Linear Technology LTM8048_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTM8048
1
8048ff
For more information www.linear.com/LTM8048
INPUT VOLTAGE (V)
0
330
230
130
280
180
80
10
20
8048 TA01b
30
5
15
25
TYPICAL APPLICATION
FEATURES
DESCRIPTION
3.1VIN to 32VIN Isolated
µModule DC/DC Converter
with LDO Post Regulator
The LTM®8048 is an isolated flyback µModule DC/DC
converter with LDO post regulator. The LTM8048 has an
isolation rating of 725VDC. Included in the package are
the switching controller, power switches, transformer, and
all support components. Operating over an input voltage
range of 3.1V to 32V, the LTM8048 supports an output
voltage range of 2.5V to 13V, set by a single resistor. There
is also a linear post regulator whose output voltage is ad-
justable from 1.2V to 12V as set by a single resistor. Only
output, input, and bypass capacitors are needed to finish
the design. Other components may be used to control the
soft-start control and biasing.
The LTM8048 is packaged in a thermally enhanced, com-
pact (11.25mm
× 9mm × 4.92mm) over-molded ball grid
array (BGA) package suitable for automated assembly by
standard surface mount equipment. The LTM8048 is avail-
able with SnPb (BGA) or RoHS compliant terminal finish.
L
, LT, LTC, LTM, Linear Technology, the Linear logo and µModule are registered trademarks of
Linear Technology Corporation. All other trademarks are the property of their respective owners.
APPLICATIONS
n
Complete Switch Mode Power Supply
n
725VDC Isolation
n
Wide Input Voltage Range: 3.1V to 32V
n
VOUT1 Output:
Up to 440mA (VOUT1 = 2.5V, 24VIN)
2.5V to 13V Output Range
n
VOUT2 Low Noise Linear Post Regulator:
Up to 300mA
1.2V to 12V Output Range
n
Current Mode Control
n
Programmable Soft-Start
n
User Configurable Undervoltage Lockout
n
SnPb or RoHS Compliant Finish
n
Low Profile (11.25mm
× 9mm × 4.92mm) Surface
Mount BGA Package
n
Industrial Sensors
n
Industrial Switches
n
Ground Loop Mitigation
Total Output Current vs VIN
725V DC Isolated Low Noise µModule Regulator
725VDC ISOLATION
LTM8048
8048 TA01
VIN
3.1V TO 29V
VOUT2
5V
5.7V
10µF
22µF
2.2µF
4.7µF
6.19k
162k
VOUT1
VOUT2
VIN
RUN
ADJ1
SS
BYP
BIAS
GND
ADJ2
VOUT–


Número de pieza similar - LTM8048_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Technology
LTM8048 LINER-LTM8048 Datasheet
252Kb / 20P
36VIN, 600mA Step-Down 關Module Converter
LTM8048 LINER-LTM8048 Datasheet
347Kb / 20P
3.1VIN to 32VIN Isolated 關Module DC/DC Converter
LTM8048 LINER-LTM8048 Datasheet
469Kb / 28P
de36VIN, 5A 關Module Regulator with 5-Output Configurable LDO Array
LTM8048 LINER-LTM8048 Datasheet
327Kb / 22P
Inverting or SEPIC 關Module DC/DC Converter with up to 700mA Output Current
logo
Linear Dimensions Semic...
LTM8048 LINEAR_DIMENSIONS-LTM8048 Datasheet
872Kb / 30P
Dual 8A per Channel Low VIN DC/DC 關Module Regulator
More results

Descripción similar - LTM8048_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Astec America, Inc
AIF25R48 ASTEC-AIF25R48_03 Datasheet
742Kb / 29P
Isolated DC/DC Converter Module
logo
Analog Devices
ADUM5000 AD-ADUM5000_08 Datasheet
415Kb / 16P
Isolated DC-to-DC Converter
REV. 0
logo
Linear Technology
LTM8048 LINER-LTM8048 Datasheet
347Kb / 20P
3.1VIN to 32VIN Isolated 關Module DC/DC Converter
LTC3330 LINER-LTC3330 Datasheet
179Kb / 20P
Energy Harvesting DC/DC with Battery Backup Low Noise LDO Post Regulator
LTM8047 LINER-LTM8047_15 Datasheet
343Kb / 18P
3.1VIN to 32VIN Isolated Module DC/DC Converter
LTM8046 LINER-LTM8046_15 Datasheet
383Kb / 20P
Isolated DC/DC Module Converter
LTM8057 LINER-LTM8057_15 Datasheet
233Kb / 20P
3.1VIN to 31VIN Isolated Module DC/DC Converter
LTM8058 LINER-LTM8058_15 Datasheet
246Kb / 20P
3.1VIN to 31VIN Isolated Module DC/DC Converter with LDO Post Regulator
LTM8046 LINER-LTM8046 Datasheet
383Kb / 20P
3.1VIN to 31VIN, 2kVAC Isolated DC/DC 關Module Converter
LTM8068 LINER-LTM8068 Datasheet
889Kb / 20P
2.8VIN to 40VIN Isolated 關Module DC/DC Converter with LDO Post Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com