Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LTM8048 Datasheet(PDF) 3 Page - Linear Technology

No. de pieza LTM8048
Descripción Electrónicos  3.1VIN to 32VIN Isolated Module DC/DC Converter with LDO Post Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTM8048 Datasheet(HTML) 3 Page - Linear Technology

  LTM8048_15 Datasheet HTML 1Page - Linear Technology LTM8048_15 Datasheet HTML 2Page - Linear Technology LTM8048_15 Datasheet HTML 3Page - Linear Technology LTM8048_15 Datasheet HTML 4Page - Linear Technology LTM8048_15 Datasheet HTML 5Page - Linear Technology LTM8048_15 Datasheet HTML 6Page - Linear Technology LTM8048_15 Datasheet HTML 7Page - Linear Technology LTM8048_15 Datasheet HTML 8Page - Linear Technology LTM8048_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTM8048
3
8048ff
For more information www.linear.com/LTM8048
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTM8048 isolation is tested at 725VDC for one second in each
polarity.
Note 3: The LTM8048E is guaranteed to meet performance specifications
from 0°C to 125°C. Specifications over the –40°C to 125°C internal
temperature range are assured by design, characterization and correlation
with statistical process controls. LTM8048I is guaranteed to meet
specifications over the full –40°C to 125°C internal operating temperature
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, RUN = 12V (Note 3).
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input DC Voltage
BIAS = VIN
l
3.1
V
VOUT1 DC Voltage
RADJ1 = 12.4k
RADJ1 = 6.98k
RADJ1 = 3.16k
l
4.75
2.5
5
12
5.25
V
V
V
VIN Quiescent Current
VRUN = 0V
Not Switching
850
1
µA
µA
VOUT1 Line Regulation
6V ≤ VIN ≤ 31V, IOUT = 0.15A
1.7
%
VOUT1 Load Regulation
0.05A ≤ IOUT ≤ 0.2A
1.5
%
VOUT1 Ripple (RMS)
IOUT = 0.1A
20
mV
Input Short Circuit Current
VOUT1 Shorted
30
mA
RUN Pin Input Threshold
RUN Pin Rising
1.18
1.24
1.30
V
RUN Pin Current
VRUN = 1V
VRUN = 1.3V
2.5
0.1
µA
µA
SS Threshold
0.7
V
SS Sourcing Current
SS = 0V
–10
µA
BIAS Current
VIN = 12V, BIAS = 5V, ILOAD1 = 100mA
8
mA
Minimum BIAS Voltage (Note 4)
ILOAD1 = 100mA
3.1
V
LDO (VOUT2) Minimum Input DC Voltage
(Note 5)
1.8
2.3
V
VOUT2 Voltage Range
VOUT1 = 16V, RADJ2 Open, No Load (Note 5)
VOUT1 = 16V, RADJ2 = 41.2k, No Load (Note 5)
1.22
15.8
V
V
ADJ2 Pin Voltage
VOUT1 = 2V, IOUT2 = 1mA (Note 5)
VOUT1 = 2V, IOUT2 = 1mA, E- and I-Grades (Note 5)
VOUT1 = 2V, IOUT2 = 1mA, MP-Grade (Note 5)
l
l
1.19
1.15
1.22
1.25
1.29
V
V
V
VOUT2 Line Regulation
2V < VOUT1 < 16V, IOUT2 = 1mA (Note 5)
1
5
mV
VOUT2 Load Regulation
VOUT1 = 5V, 10mA < IOUT2 = 300mA (Note 5)
2
10
mV
LDO Dropout Voltage
IOUT2 = 10mA (Note 5)
IOUT2 = 100mA (Note 5)
IOUT2 = 300mA (Note 5)
0.25
0.34
0.43
V
V
V
VOUT2 Ripple (RMS)
CBYP = 0.01µF, IOUT2 = 300mA, BW = 100Hz to 100kHz (Note 5)
20
µVRMS
range. The LTM8048MP is guaranteed to meet specifications over the
full –55°C to 125°C internal operating temperature range. Note that
the maximum internal temperature is determined by specific operating
conditions in conjunction with board layout, the rated package thermal
resistance and other environmental factors.
Note 4: This is the BIAS pin voltage at which the internal circuitry is
powered through the BIAS pin and not the integrated regulator. See BIAS
Pin Considerations for details.
Note 5: VRUN = 0V (Flyback not running), but the VOUT2 post regulator is
powered by applying a voltage to VOUT1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com