Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UM0934 Datasheet(PDF) 54 Page - STMicroelectronics

No. de pieza UM0934
Descripción Electrónicos  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 50Page - STMicroelectronics UM0934 Datasheet HTML 51Page - STMicroelectronics UM0934 Datasheet HTML 52Page - STMicroelectronics UM0934 Datasheet HTML 53Page - STMicroelectronics UM0934 Datasheet HTML 54Page - STMicroelectronics UM0934 Datasheet HTML 55Page - STMicroelectronics UM0934 Datasheet HTML 56Page - STMicroelectronics UM0934 Datasheet HTML 57Page - STMicroelectronics UM0934 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 113 page
background image
Host interface
UM0934
54/113
Doc ID 17389 Rev 2
5.3.13
CMD_DataConfirm (52h)
This command exports the following services to the external host:
PHY mode: P_Data.Confirm
MAC mode: M_Data.Confirm.
This command is sent by the ST7570 to provide a positive or negative confirmation to a data
request previously requested by the external host.
The data field is a 1-byte field containing the result of the previous request.
When operating in MAC mode and a frame with repetitions (i.e. with credits IC and CC > 0)
is transmitted, the CMD_DataConfirm is always notified as soon as the transmission of the
first MAC frame within the repetition burst is completed (Figure 20).
Figure 20.
Transmission of a MAC frame with repetitions (example with IC=3)
Table 41.
CMD_DataRequest: RequestData (MAC mode)
Byte index
Label
Description
0
CREDIT
Credit information
b7 – b5: Initial credit IC
b4 - b2: Current credit CC
b1 – b0: Delta credit DC
UART data transmission: LSBit first (from b0 to b7)
1..3
ADDRESS
b23 – b12: MAC source address
b11 – b0: MAC destination address
UART data transmission: MSByte first, LSBit first. Therefore, the 3 bytes
are transmitted following this order:
• From b16 to b23
• From b8 to b15
• From b0 to b7.
4
PAD
1 byte padding (equal to 00h)
5..246
M_SDU
Mac service data unit (up to 242 bytes).
UART data transmission: MSByte first.
Table 42.
CMD_DataConfirm: Syntax
Source
Command(Args)
Possible response
ST7570
CMD_DataConfirm(ConfirmData)
None
TX
CMD_DataConfirm()
MAC Frame
(IC=3, CC=3)
MAC Frame
(IC=3, CC=2)
MAC Frame
(IC=3, CC=1)
MAC Frame
(IC=3, CC=0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com