Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AN4598 Datasheet(PDF) 4 Page - STMicroelectronics

No. de pieza AN4598
Descripción Electrónicos  Pre-amplifying the analog output of a MEMS microphone
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4598 Datasheet(HTML) 4 Page - STMicroelectronics

  AN4598 Datasheet HTML 1Page - STMicroelectronics AN4598 Datasheet HTML 2Page - STMicroelectronics AN4598 Datasheet HTML 3Page - STMicroelectronics AN4598 Datasheet HTML 4Page - STMicroelectronics AN4598 Datasheet HTML 5Page - STMicroelectronics AN4598 Datasheet HTML 6Page - STMicroelectronics AN4598 Datasheet HTML 7Page - STMicroelectronics AN4598 Datasheet HTML 8Page - STMicroelectronics AN4598 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Noise
AN4598
4/12
DocID026988 Rev 1
The maximum gain setting (Gmax) is calculated using Equation 2 by considering the
maximum sensitivity of the microphone (Somax), the maximum output signal amplitude
needed after the amplification stage (Voutrms_max), and the maximum acoustic pressure
(Pmax).
Equation 2
If Voutrms = 1 Vrms, Somax = -35 dBV/Pa, and Pmax = 1 Pa, Gmax = 56.
2
Noise
Overall noise includes the noise generated by the microphone and the noise generated by
the amplification stage.
The noise level (erms) on the output of the microphone is calculated using Equation 3 by
considering the signal-to-noise ratio (SNR) as given in the MP23AB02B datasheet.
Equation 3
Where erms is expressed in Vrms and SNR in dBA.
erms is shown as the noise floor in Figure 1.
Note that the SNR is A-weighted in order to consider noise as a human ear would hear it.
SNR is the difference (in dB) between a 94 dB SPL signal (whose amplitude is So (dBV/Pa)
* 1 (Pa) = So (dBV)) and the noise level (dBV).
The typical noise level in the MP23AB02B is 7 µVrms.
This is equivalent to a white noise source (eo), over a 20 kHz bandwidth, as calculated using
Equation 4.
Equation 4
Where eo is expressed in nV/√Hz.
In case of the MP23AB02B, eo is 56 nV/√Hz.
Gmax
Voutrms_max
10
Somax
20
---------------
Pmax
---------------------------------
=
erms
10
So SNR
–
20
--------------------------
=
eo
erms
20000
--------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com