Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AN4598 Datasheet(PDF) 3 Page - STMicroelectronics

No. de pieza AN4598
Descripción Electrónicos  Pre-amplifying the analog output of a MEMS microphone
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4598 Datasheet(HTML) 3 Page - STMicroelectronics

  AN4598 Datasheet HTML 1Page - STMicroelectronics AN4598 Datasheet HTML 2Page - STMicroelectronics AN4598 Datasheet HTML 3Page - STMicroelectronics AN4598 Datasheet HTML 4Page - STMicroelectronics AN4598 Datasheet HTML 5Page - STMicroelectronics AN4598 Datasheet HTML 6Page - STMicroelectronics AN4598 Datasheet HTML 7Page - STMicroelectronics AN4598 Datasheet HTML 8Page - STMicroelectronics AN4598 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DocID026988 Rev 1
3/12
AN4598
Output signal amplitude and gain setting
12
1
Output signal amplitude and gain setting
The analog signal on the output of the microphone contains the audio signal plus some
noise.
The amplitude of the audio output signal depends on the acoustic pressure.
The relationship between sensitivity (So) and gain (Gmicro) at 1 kHz is given in the
MP23AB02B datasheet and is calculated using Equation 1.
Equation 1
Where So is measured in dBV/Pa and Gmicro in V/Pa.
In terms of scale, 20 µPa is the minimum level of hearing, while talking produces an acoustic
pressure around 20 mPa. Acoustic pressure can also be expressed in dB SPL (sound
pressure level) where: dB SPL
↔ 20 log (P/20 µPa). So, 1 Pa is equivalent to 94 dB SPL.
The acoustic and electrical relationships of the MP23AB02B are illustrated in Figure 1.
Figure 1. Acoustic and electrical relationships of the MP23AB02B
Note that acoustic pressure drops with distance from the source.
Assuming free field conditions, if we double our distance from the source, the acoustic
pressure is divided by:
•
2 if the source is considered to be a point like a speaker (i.e. -6 dB SPL)
•
√2, if the source is considered to be a line such as a road (i.e. -3 dB SPL)
Knowing the acoustic pressure applied to the microphone and the desired amplitude after
the amplification stage tells us how much the gain should be.
Gmicro
10
So
20
------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com