Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AN4598 Datasheet(PDF) 10 Page - STMicroelectronics

No. de pieza AN4598
Descripción Electrónicos  Pre-amplifying the analog output of a MEMS microphone
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4598 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN4598 Datasheet HTML 4Page - STMicroelectronics AN4598 Datasheet HTML 5Page - STMicroelectronics AN4598 Datasheet HTML 6Page - STMicroelectronics AN4598 Datasheet HTML 7Page - STMicroelectronics AN4598 Datasheet HTML 8Page - STMicroelectronics AN4598 Datasheet HTML 9Page - STMicroelectronics AN4598 Datasheet HTML 10Page - STMicroelectronics AN4598 Datasheet HTML 11Page - STMicroelectronics AN4598 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Differential output configuration
AN4598
10/12
DocID026988 Rev 1
7
Differential output configuration
In case a differential output signal is needed, we recommend the use of the TS472 device,
as illustrated in Figure 5.
Figure 5. Differential output configuration
The TS472 comes with standby mode which is effective on the biasing of the microphone if
the 2-V bias embedded in the chip is used.
The footprint on the PCB is reduced because the TS472 is available in flip-chip and
because this device requires less surrounding passive components than with a standard op
amp.
Finally, if the microphone is far from the op amp, the differential input of the TS472 allows a
better immunity to ground noise.
The gain for this device is determined by the Rgs value or it can be set to 20 dB if the gain
select pin is connected to the bias pin (or a voltage above 1 Vdc).
Note:
C2 and C4 decoupling capacitors should be placed respectively as close as possible to the
op amp and microphone.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com