Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

82375EB Datasheet(PDF) 52 Page - Intel Corporation

No. de pieza 82375EB
Descripción Electrónicos  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTEL [Intel Corporation]
Página de inicio  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 52 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 48Page - Intel Corporation 82375EB Datasheet HTML 49Page - Intel Corporation 82375EB Datasheet HTML 50Page - Intel Corporation 82375EB Datasheet HTML 51Page - Intel Corporation 82375EB Datasheet HTML 52Page - Intel Corporation 82375EB Datasheet HTML 53Page - Intel Corporation 82375EB Datasheet HTML 54Page - Intel Corporation 82375EB Datasheet HTML 55Page - Intel Corporation 82375EB Datasheet HTML 56Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 131 page
background image
82375EBSB
290477 – 45
NOTE
Shaded areas represent main memory decode regions for MEMCS
Figure 3 MEMCS
Decode Areas
Table 2 summarizes the attribute registers used in MEMCS
decoding The MCSCON MAR1 MAR2 and
MAR3 Registers are used to assign REWE attributes to a particular memory range The MEMCS
hole is
programmed using the MCSTOH and MCSBOH Registers The region above 1 MByte is programmed using
the MCSTOM Register The region from 0 – 512 KByte is enableddisabled using bit 4 of the MCSCON Regis-
ter MCSCON bit 4 is also used to enable and disable the entire MEMCS
function
52