Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

82375EB Datasheet(PDF) 9 Page - Intel Corporation

No. de pieza 82375EB
Descripción Electrónicos  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTEL [Intel Corporation]
Página de inicio  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 9 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 5Page - Intel Corporation 82375EB Datasheet HTML 6Page - Intel Corporation 82375EB Datasheet HTML 7Page - Intel Corporation 82375EB Datasheet HTML 8Page - Intel Corporation 82375EB Datasheet HTML 9Page - Intel Corporation 82375EB Datasheet HTML 10Page - Intel Corporation 82375EB Datasheet HTML 11Page - Intel Corporation 82375EB Datasheet HTML 12Page - Intel Corporation 82375EB Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 131 page
background image
82375EBSB
290477 – 2
Figure 1 PCI-EISA System Diagram
System partitioning shown in Figure 1 illustrates how the PCI can be used as a common interface between
different portions of a system platform that are typically supplied by the chip set vendor These portions are the
HostPCI Bridge (including a main memory DRAM controller and an optional secondary cache controller) and
the PCI-EISA Bridge Thus the PCI allows a system IO core design to be decoupled from the processor
9