Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

82375EB Datasheet(PDF) 97 Page - Intel Corporation

No. de pieza 82375EB
Descripción Electrónicos  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTEL [Intel Corporation]
Página de inicio  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 97 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 93Page - Intel Corporation 82375EB Datasheet HTML 94Page - Intel Corporation 82375EB Datasheet HTML 95Page - Intel Corporation 82375EB Datasheet HTML 96Page - Intel Corporation 82375EB Datasheet HTML 97Page - Intel Corporation 82375EB Datasheet HTML 98Page - Intel Corporation 82375EB Datasheet HTML 99Page - Intel Corporation 82375EB Datasheet HTML 100Page - Intel Corporation 82375EB Datasheet HTML 101Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 131 page
background image
82375EBSB
60 DATA BUFFERING
The PCEB contains data buffers (Figure 24) to isolate the PCI Bus from the EISA Bus and to provide concur-
rent EISA and PCI Bus operations and APIC operations The Line Buffers are used for EISA-to-PCI memory
reads and writes A control bit in the EPMRA Registers permis the Line Buffers to be enabled (accesses are
buffered) or disabled (accesses are non-buffered) Non-buffered accesses use the bypass path Note that PCI
and EISA IO readwrite cycles and PCI configuration cycles are always non-buffered and use the bypass
path
When data is temporarily stored in the buffers between the EISA Bus and PCI Bus there are potential data
coherency issues The PCEB guarantees data coherency by intervening when data coherency could be lost
and either flushing or invalidating the buffered data as appropriate
290477 – 67
Figure 24 PCEB Data Buffers
97