| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
80960KA Datasheet(PDF) 10 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
80960KA Datasheet(HTML) 10 Page - Intel Corporation |
|
10 / 43 page ![]() 80960KA 7 debug instruction. In each case, the 80960KA executes the instruction first and then calls a trace handling routine (usually part of a software debug monitor). Further program execution is halted until the routine completes, at which time execution resumes at the next instruction. The 80960KA’s tracing mechanisms, implemented completely in hardware, greatly simplify the task of software test and debug. 1.1.10. Fault Detection The 80960KA has an automatic mechanism to handle faults. Fault types include trace and arithmetic faults. When the processor detects a fault, it automatically calls the appropriate fault handling routine and saves the current instruction pointer and necessary state information to make efficient recovery possible. Like interrupt handling routines, fault handling routines are usually written to meet the needs of specific applica- tions and are often included as part of the operating system or kernel. For each of the fault types, there are numerous subtypes that provide specific information about a fault. The fault handler can use this specific infor- mation to respond correctly to the fault. 1.1.11. Built-in Testability Upon reset, the 80960KA automatically conducts an exhaustive internal test of its major blocks of logic. Then, before executing its first instruction, it does a zero check sum on the first eight words in memory to ensure that the memory image was programmed correctly. If a problem is discovered at any point during the self-test, the 80960KA asserts its FAILURE pin and will not begin program execution. Self test takes approximately 47,000 cycles to complete. System manufacturers can use the 80960KA’s self- test feature during incoming parts inspection. No special diagnostic programs need to be written. The test is both thorough and fast. The self-test capability helps ensure that defective parts are discovered before systems are shipped and, once in the field, the self-test makes it easier to distinguish between problems caused by processor failure and problems resulting from other causes. 1.1.12. CHMOS The 80960KA is fabricated using Intel’s CHMOS IV (Complementary High Speed Metal Oxide Semicon- ductor) process. The 80960KA is currently available in 16, 20 and 25 MHz versions. |