Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

VFS9V Datasheet(PDF) 34 Page - Murata Manufacturing Co., Ltd.

No. de pieza VFS9V
Descripción Electrónicos  EMI Suppression Filters (Lead Type EMIFIL)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MURATA [Murata Manufacturing Co., Ltd.]
Página de inicio  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

VFS9V Datasheet(HTML) 34 Page - Murata Manufacturing Co., Ltd.

Back Button VFS9V Datasheet HTML 30Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 31Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 32Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 33Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 34Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 35Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 36Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 37Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 38Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
!Caution/Notice
o Rating
Do not use products beyond the rated current and rated voltage as this
may create excessive heat and deteriorate the insulation resistance.
o Soldering and Mounting
1. Mounting holes should be designed as specified in these
specifications. Other designs than those shown in these
specifications may cause cracks in ceramics that may
lead to smoking or firing.
2. DSN9/DST9/DSN9H/DST9H/VFS9V Series
Mounting for PCB. (Applis only to bulk type.)
The form of the mounting hole of the bulk item is a triangle.
The product should be inserted and soldered to each hole in
the correct way as in Fig.1. (The center terminal and the other
terminals become parallel when viewing the product from the
side.) Smoking and firing maybe caused by incorrect mounting
as in Fig.2. (The center terminal and the other terminals cross
when viewing the product from the side.)
o Storage and Operating Conditions
o Soldering and Mounting
<Operating Environment>
1. Do not use products in a chemical atmosphere such
as chlorine gas, acid or sulfide gas.
2. Do not use products near water, oil or organic
solvents. Avoid environments where dust or dirt may
adhere to the product.
<Storage and Handling Requirements>
1. Storage Period
Use the products within 12 months after delivery.
Solderability should be checked if this period is
exceeded.
2. Storage Conditions
(1) Storage temperature: -10 to 40 degrees C
Relative humidity: 15 to 85%
Avoid sudden changes in temperature and humidity.
(2) Do not store products in a chemical atmosphere
such as chlorine gas, acid or sulfide gas.
(3) When restoring taping type (BL01RN1A1F1J),
please attach the spacer between the flanges of the
reel. The spacer is corrugated paper that is attached
when shipping.
1. Washing
Failure and degradation of a product are caused
by the washing method. When you wash in conditions
that are not in the mounting information, please contact
Murata engineering.
2. Soldering
Reliability decreases with improper soldering
methods. Please solder by the standard soldering
conditions shown in the mounting information.
3. Other
Noise suppression levels resulting from Murata's
EMI suppression filters EMIFIL
r may vary, depending
on the circuits and ICs used, type of noise, mounting
pattern, lead wire length, mounting location, and other
operating conditions. Be sure to check and confirm in
advance the noise suppression effect of each filter, in
actual circuits, etc. before applying the filter in a
commercial-purpose equipment design.
1. Terminal (with mark) should be properly connected to
the line of incoming electrostatic surge. (There is
polarity.) Otherwise, no effect in ESD suppression can
be expected (VFR3V).
2. Products should be used at rated voltage or less and
rated current or less.
3. Products should not be applied for the absorption of
surges that have large energy (e.g., induced lightning
surges, switching surges) because it is designed for the
absorption of electrostatic surges (VFR3V).
4. Electrostatic testing should be done on the following
conditions (VFR3V).
<Using EMIGUARD
r effectively>
2 ]2 < 8.0 x105
n: Times applied
C: Charging Capacitance (pF)
V: Testing Voltage (kV)
R: Charging Resistance (
Ω)
Incoming
Electrostatic Surges
Incoming
Electrostatic Surges
Example of input terminal
Example of output terminal
Fig.1 Right Way
Fig.2 Wrong Way
Marking Side
Center Terminal
(Ground Terminal)
!Caution
Notice
3. Take care not to apply any mechanical stress to product
body at the lead terminal bending process for product
angle adjustment after insertion.
For DST9, please do not bend the lead terminal at the
point between the dielectric part and the ferrite bead.
32
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com