Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

VFS9V Datasheet(PDF) 29 Page - Murata Manufacturing Co., Ltd.

No. de pieza VFS9V
Descripción Electrónicos  EMI Suppression Filters (Lead Type EMIFIL)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MURATA [Murata Manufacturing Co., Ltd.]
Página de inicio  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

VFS9V Datasheet(HTML) 29 Page - Murata Manufacturing Co., Ltd.

Back Button VFS9V Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 29Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 30Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 31Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 32Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 33Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
Noise Suppression Effect of VFR/VFS Series
cFeatures (VFS9V)
cPulse-Voltage Breakdown Characteristic (VFS9V)
Items
Overload
Test methods
Rated values
1.4 times the varistor voltage (V1) is applied for 5 minutes at room
temperature.
At a temperature of 85±3°C, the varistor voltage V1 is continuously
applied to the sample for 1000 to 1024 hours.
Then it is left at room temperature, for 4 to 24 hours before measuring.
Surge Test (1)
At room temperature, Surges are applied
105 times every 2 seconds. Then after 1 or 2
hours, the sample is measured.
Surge Test (2)
High
Temperature
Load
At room temperature, the capacitor
"C" is charged with 70V, then discharged to
apply the voltage to the sample. Tested once
(resuming JASO A-1).
400V
0.47μF
70V
0.8
Ω
2
Ω
C
C=110mF
Items
Specifications
Rated Capacitance Change
Insulation Resistance
Rated of Change
in Varistor Voltage V1*
Voltage Rate
Within±15%
500k
Ω min.
Within±15%
1.30 max.
*V1: Voltage when 1mA is applied
50
Ω
50
Ω
V
800ns
Residual ratio
when 1000 pulses
are applied
VFS9V EMIGUARD
r use a self healing varistor- capacitor,
so that it can be used under a 500 to 600V surge that would
break conventional disc type EMI filters. As shown in the
figure below EMIGUARD
r withstands 2000V impulses
applied 1000 times.
cTemperature Characteristics of
Varistor Voltage - Insulation Resistance (VFS9V)
100
0
0
1000
500
Pulse Voltage Applied (V)
VFS9V
1500
2000
50
Capacitance: 0.022μF
with varistor function
3-terminal capacitor
Capacitance: 0.022μF
with no varistor
function
–10
0
+10
104
103
–30
0
30
60
90
Temperature (°C)
Insulation
resistance
Change rate of
varistor voltage
102
10
1
Continued on the following page.
27
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com