Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

VFS9V Datasheet(PDF) 20 Page - Murata Manufacturing Co., Ltd.

No. de pieza VFS9V
Descripción Electrónicos  EMI Suppression Filters (Lead Type EMIFIL)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MURATA [Murata Manufacturing Co., Ltd.]
Página de inicio  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

VFS9V Datasheet(HTML) 20 Page - Murata Manufacturing Co., Ltd.

Back Button VFS9V Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
With Ferrite Beads DST9 Series
Part Number
Capacitance
(pF)
Rated Voltage
(Vdc)
Rated Current
(A)
Operating Temperature Range
DST9NB32A271
270 ±20%
100
7
-25 to +85°C
DST9NC52A271
270 ±20%
100
7
-25 to +85°C
DST9NB32A222
2200 ±20%
100
7
-25 to +85°C
DST9NC52A222
2200 ±20%
100
7
-25 to +85°C
DST9NC51H223
22000 50/-20%
50
7
-25 to +85°C
DST9ND31H223
22000 50/-20%
50
7
-25 to +85°C
Rated current is 6A for taping type and its lead diameter is phi 0.6mm.
Please refer to Part Numbering for Type and Length of Lead.
GND
No polarity.
c Equivalent Circuit
0.01
0.1
1
10
100
1000
0
20
40
60
80
100
Frequency (MHz)
270pF
2200pF
22000pF
(50
Ω - 50Ω)
c Insertion Loss Characteristics
18
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com