Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PO49FCT3807B Datasheet(PDF) 3 Page - Pomona Electronics

No. de pieza PO49FCT3807B
Descripción Electrónicos  800MHz Noise Cancellation TTL/CMOS Potato Chip
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  POMONA [Pomona Electronics]
Página de inicio  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

PO49FCT3807B Datasheet(HTML) 3 Page - Pomona Electronics

  PO49FCT3807B_14 Datasheet HTML 1Page - Pomona Electronics PO49FCT3807B_14 Datasheet HTML 2Page - Pomona Electronics PO49FCT3807B_14 Datasheet HTML 3Page - Pomona Electronics PO49FCT3807B_14 Datasheet HTML 4Page - Pomona Electronics PO49FCT3807B_14 Datasheet HTML 5Page - Pomona Electronics PO49FCT3807B_14 Datasheet HTML 6Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Power Supply Characteristics
Symbol
Description
Test Conditions (1)
Min
Typ
Max
Unit
IccQ
Quiescent Power Supply Current
Vcc=Max, Vin=Vcc or GND
-
0.1
30
uA
Notes:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at Vcc = 3.3V, 25
°C ambient.
3. This parameter is guaranteed but not tested.
4. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
Capacitance
Parameters (1)
Description
Test Conditions
Typ
Max
Unit
Cin
Input Capacitance
Vin = 0V
3
4
pF
Cout
Output Capacitance
Vout = 0V
-
6
pF
Notes:
1 This parameter is determined by device characterization but not production tested.
Switching Characteristics
t
i
n
U
x
a
M
)
1
(
s
n
o
i
t
i
d
n
o
C
t
s
e
T
n
o
i
t
p
i
r
c
s
e
D
l
o
b
m
y
S
tPLH
Propagation Delay A to Bn
CL = 15pF
2.0
ns
tPHL
Propagation Delay A to Bn
CL = 15pF
2.0
ns
tr/tf
Rise/Fall Time
0.8V – 2.0V
0.8
ns
tsk(p)
z
H
M
5
2
1
,
F
p
5
1
=
L
C
z
H
M
5
2
1
,
F
p
5
1
=
L
C
z
H
M
5
2
1
,
F
p
5
1
=
L
C
)
e
g
a
k
c
a
P
e
m
a
S
(
w
e
k
S
e
s
l
u
P
ps
ps
ps
250
80
400
tsk(o)
Output Pin to Pin Skew (Same Package)
tsk(pp) Output Skew (Different Package)
fmax
F
p
0
5
=
L
C
y
c
n
e
u
q
e
r
F
t
u
p
n
I
120
MHz
fmax
F
p
5
1
=
L
C
y
c
n
e
u
q
e
r
F
t
u
p
n
I
350
MHz
fmax
F
p
5
=
L
C
y
c
n
e
u
q
e
r
F
t
u
p
n
I
600
MHz
fmax
F
p
2
=
L
C
y
c
n
e
u
q
e
r
F
t
u
p
n
I
800
MHz
Notes:
1. See test circuits and waveforms.
2. tpLH, tpHL, tsk(p), and tsk(o) are production tested. All other parameters guaranteed but not production tested.
3. Airflow of 1m/s is recommended for frequencies above 133MHz
1.2V - 3.6V 1:10 CMOS Clock Driver
800MHz Noise Cancellation TTL/CMOS Potato Chip
3
01/01/10
Potato Semiconductor Corporation
PO49FCT3807B
www.potatosemi.com



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com