Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PO49FCT3807B Datasheet(PDF) 1 Page - Pomona Electronics

No. de pieza PO49FCT3807B
Descripción Electrónicos  800MHz Noise Cancellation TTL/CMOS Potato Chip
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  POMONA [Pomona Electronics]
Página de inicio  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

PO49FCT3807B Datasheet(HTML) 1 Page - Pomona Electronics

  PO49FCT3807B_14 Datasheet HTML 1Page - Pomona Electronics PO49FCT3807B_14 Datasheet HTML 2Page - Pomona Electronics PO49FCT3807B_14 Datasheet HTML 3Page - Pomona Electronics PO49FCT3807B_14 Datasheet HTML 4Page - Pomona Electronics PO49FCT3807B_14 Datasheet HTML 5Page - Pomona Electronics PO49FCT3807B_14 Datasheet HTML 6Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FEATURES:
DESCRIPTION:
. Operating frequency up to 800MHz with 2pf load
. Operating frequency up to 600MHz with 5pf load
. Operating frequency up to 350MHz with 15pf load
. Operating frequency up to 120MHz with 50pf load
. Very low output pin to pin skew < 80ps
. Very low pulse skew < 250ps
. VCC = 1.2V to 3.6V
. Propagation delay < 2.0 ns max with 15pf load
. Low input capacitance: 3pf typical
. 1:10 fanout
. Available in 20pin 150mil wide QSOP package
. Available in 20pin 300mil wide SOIC package
. Available in 20pin 209mil wide SSOP package
Potato Semiconductor’s PO49FCT3807B is
designed for world top performance using
submicron
CMOS
technology
to
achieve
800MHz output frequency with less than 80ps
output skew.
PO49FCT3807B is a 1 . 2 V t o 3.6V CMOS
1 input to 10 Output Buffered Driver.
Typical applications are clock and signal distribution.
Pin Configuration
Logic Block Diagram
Pin Description
Pin Name
Description
t
u
p
n
I
A
N
I
O1 to O10
Outputs
. Patented technology
Inputs can be driven from either 3.3V or 5V devices.
This feature allows the use of these devices as
translators in a mixed 3.3V/5V system environment.
1.2V - 3.6V 1:10 CMOS Clock Driver
800MHz Noise Cancellation TTL/CMOS Potato Chip
1
01/01/10
Potato Semiconductor Corporation
PO49FCT3807B
www.potatosemi.com


Número de pieza similar - PO49FCT3807B_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Potato Semiconductor Co...
PO49FCT3807BCR POTATO-PO49FCT3807BCR Datasheet
637Kb / 7P
3.3V Dual 1:10 CMOS Clock Buffered Driver
PO49FCT3807BCU POTATO-PO49FCT3807BCU Datasheet
637Kb / 7P
3.3V Dual 1:10 CMOS Clock Buffered Driver
PO49FCT3807BQR POTATO-PO49FCT3807BQR Datasheet
637Kb / 7P
3.3V Dual 1:10 CMOS Clock Buffered Driver
PO49FCT3807BQU POTATO-PO49FCT3807BQU Datasheet
637Kb / 7P
3.3V Dual 1:10 CMOS Clock Buffered Driver
PO49FCT3807BSR POTATO-PO49FCT3807BSR Datasheet
637Kb / 7P
3.3V Dual 1:10 CMOS Clock Buffered Driver
More results

Descripción similar - PO49FCT3807B_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pomona Electronics
PO49FCT3804A POMONA-PO49FCT3804A_14 Datasheet
1Mb / 5P
800MHz TTL/CMOS Potato Chip
PO49FCT3805B POMONA-PO49FCT3805B_14 Datasheet
1Mb / 6P
800MHz TTL/CMOS Potato Chip
PO49FCT32803G POMONA-PO49FCT32803G_14 Datasheet
1Mb / 6P
500MHz TTL/CMOS Potato Chip
PO49FCT32805G POMONA-PO49FCT32805G_14 Datasheet
1Mb / 6P
600MHz TTL/CMOS Potato Chip
PO49FCT32806G POMONA-PO49FCT32806G_14 Datasheet
1Mb / 6P
700MHz TTL/CMOS Potato Chip
PO49FCT32807G POMONA-PO49FCT32807G_14 Datasheet
1Mb / 6P
400MHz Noise Cancellation TTL/CMOS Potato Chip
PO74G553A POMONA-PO74G553A_14 Datasheet
1Mb / 5P
800MHz Noise Cancellation TTL/CMOS Potato Chip
PO74G2309A POMONA-PO74G2309A_14 Datasheet
1Mb / 6P
700MHz TTL/CMOS Potato Chip
PO74G38074A POMONA-PO74G38074A_14 Datasheet
1Mb / 5P
900MHz TTL/CMOS Potato Chip
logo
Potato Semiconductor Co...
PO49HSTL3807G POTATO-PO49HSTL3807G_14 Datasheet
396Kb / 5P
400MHz TTL/CMOS Potato Chip
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com