Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PO49FCT3807B Datasheet(PDF) 6 Page - Pomona Electronics

No. de pieza PO49FCT3807B
Descripción Electrónicos  800MHz Noise Cancellation TTL/CMOS Potato Chip
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  POMONA [Pomona Electronics]
Página de inicio  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

PO49FCT3807B Datasheet(HTML) 6 Page - Pomona Electronics

  PO49FCT3807B_14 Datasheet HTML 1Page - Pomona Electronics PO49FCT3807B_14 Datasheet HTML 2Page - Pomona Electronics PO49FCT3807B_14 Datasheet HTML 3Page - Pomona Electronics PO49FCT3807B_14 Datasheet HTML 4Page - Pomona Electronics PO49FCT3807B_14 Datasheet HTML 5Page - Pomona Electronics PO49FCT3807B_14 Datasheet HTML 6Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Packaging Mechanical Drawing: 20 pin SSOP
.272
.295
.078
.002
SEATING
PLANE
.0098
Max.
.0256
BSC
1
20
.197
.220
0.25
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
0.050
5.00
5.60
2.00
6.90
7.50
0.65
Max
Min
.022
.037
.004
.009
.291
.322
7.40
8.20
0.55
0.95
0.09
0.25
1.2V - 3.6V 1:10 CMOS Clock Driver
800MHz Noise Cancellation TTL/CMOS Potato Chip
6
01/01/10
Potato Semiconductor Corporation
PO49FCT3807B
www.potatosemi.com
IC Ordering Information
Top-Marking
Ordering Code
Package
Pb-free & Green
PO49FCT3807BCU for Tube
PO49FCT3807BCR for Tape & Reel
PO49FCT3807BC
PO49FCT3807BC
-40°C to 85°C
-40°C to 85°C
PO49FCT3807BQU for Tube
PO49FCT3807BQR for Tape & Reel
PO49FCT3807BQ
PO49FCT3807BQ
-40°C to 85°C
-40°C to 85°C
PO49FCT3807BSSU for Tube
PO49FCT3807BSSR for Tape & Reel
PO49FCT3807BSS
PO49FCT3807BSS
-40°C to 85°C
-40°C to 85°C
TA
IC Package Information
PACKAGE
C
24
12
Top Left Corner
26 (12”)
1000
43 (20”)
38
20pin 300mil SOIC
CODE
PACKAGE
TYPE
TAPE
WIDTH
TAPE TRAILER
TUBE
TAPE & REEL
LENGTH
TAPE
PITCH
QTY
LENGTH
TAPE LEADER
PER TAPE
QTY
PER
PIN 1 LOCATION
(mm)
(mm)
Q
16
8
Top Left Corner
39 (12”)
3000
64 (20”)
55
20pin 150mil QSOP
SS
16
12
Top Left Corner
26 (12”)
2000
43 (20”)
66
20pin 209mil SSOP
Pb-free & Green
20pin 300mil SOIC
20pin 300mil SOIC
20pin 150mil QSOP
20pin 150mil QSOP
Pb-free & Green
Pb-free & Green
Pb-free & Green
Pb-free & Green
20pin 209mil SSOP
20pin 209mil SSOP



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com