Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM8S103F2U6TR Datasheet(PDF) 4 Page - STMicroelectronics

No. de pieza STM8S103F2U6TR
Descripción Electrónicos  Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I²C
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S103F2U6TR Datasheet(HTML) 4 Page - STMicroelectronics

  STM8S103F2U6TR Datasheet HTML 1Page - STMicroelectronics STM8S103F2U6TR Datasheet HTML 2Page - STMicroelectronics STM8S103F2U6TR Datasheet HTML 3Page - STMicroelectronics STM8S103F2U6TR Datasheet HTML 4Page - STMicroelectronics STM8S103F2U6TR Datasheet HTML 5Page - STMicroelectronics STM8S103F2U6TR Datasheet HTML 6Page - STMicroelectronics STM8S103F2U6TR Datasheet HTML 7Page - STMicroelectronics STM8S103F2U6TR Datasheet HTML 8Page - STMicroelectronics STM8S103F2U6TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 113 page
background image
List of tables
Table 1. STM8S103xx access line features .............................................................................................9
Table 2. Peripheral clock gating bit assignments in CLK_PCKENR1/2 registers ..................................14
Table 3. TIM timer features ....................................................................................................................16
Table 4. Legend/abbreviations for pinout tables
...................................................................................19
Table 5. UFQFPN32/LQFP32 pin description ........................................................................................20
Table 6. STM8S103Fx pin description ...................................................................................................24
Table 7. I/O port hardware register map ................................................................................................27
Table 8. General hardware register map
...............................................................................................28
Table 9. CPU/SWIM/debug module/interrupt controller registers
.........................................................38
Table 10. Interrupt mapping ...................................................................................................................40
Table 11. Option bytes
.........................................................................................................................110
Table 12. Option byte description ...........................................................................................................42
Table 13. STM8S103K alternate function remapping bits for 32-pin devices ........................................44
Table 14. STM8S103F alternate function remapping bits for 20-pin devices ........................................45
Table 15. Unique ID registers (96 bits) .................................................................................................110
Table 16. Voltage characteristics ...........................................................................................................49
Table 17. Current characteristics ...........................................................................................................50
Table 18. Thermal characteristics ..........................................................................................................50
Table 19. General operating conditions .................................................................................................51
Table 20. Operating conditions at power-up/power-down ......................................................................52
Table 21. Total current consumption with code execution in run mode at VDD = 5 V .............................53
Table 22. Total current consumption with code execution in run mode at VDD = 3.3 V ..........................54
Table 23. Total current consumption in wait mode at VDD = 5 V ............................................................55
Table 24. Total current consumption in wait mode at VDD = 3.3 V .........................................................55
Table 25. Total current consumption in active halt mode at VDD = 5 V ..................................................56
Table 26. Total current consumption in active halt mode at VDD = 3.3 V ...............................................57
Table 27. Total current consumption in halt mode at VDD = 5 V .............................................................58
Table 28. Total current consumption in halt mode at VDD = 3.3 V ..........................................................58
Table 29. Wakeup times .........................................................................................................................58
Table 30. Total current consumption and timing in forced reset state ....................................................59
Table 31. Peripheral current consumption .............................................................................................60
Table 32. HSE user external clock characteristics .................................................................................63
Table 33. HSE oscillator characteristics .................................................................................................64
Table 34. HSI oscillator characteristics ..................................................................................................65
Table 35. LSI oscillator characteristics ...................................................................................................67
Table 36. RAM and hardware registers ..................................................................................................68
Table 37. Flash program memory/data EEPROM memory ....................................................................68
Table 38. I/O static characteristics .........................................................................................................69
Table 39. Output driving current (standard ports) ..................................................................................71
Table 40. Output driving current (true open drain ports) ........................................................................71
Table 41. Output driving current (high sink ports) ..................................................................................72
Table 42. NRST pin characteristics ........................................................................................................77
Table 43. SPI characteristics ..................................................................................................................80
Table 44. I
2C characteristics ..................................................................................................................82
Table 45. ADC characteristics ................................................................................................................84
Table 46. ADC accuracy with RAIN < 10 kΩ , VDD= 5 V .........................................................................84
Table 47. ADC accuracy with RAIN < 10 kΩ RAIN, VDD = 3.3 V ..............................................................85
DocID15441 Rev 6
4/113
STM8S103K3 STM8S103F3 STM8S103F2
List of tables



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More