| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM8S103F2U6TR Datasheet(PDF) 54 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8S103F2U6TR Datasheet(HTML) 54 Page - STMicroelectronics |
|
54 / 113 page ![]() Unit Max (1) Typ Conditions Parameter Symbol mA 1.05 0.84 HSI RC osc. (16 MHz/8) (2) fCPU = fMASTER = 2 MHz Supply current in run mode, code executed from Flash IDD(RUN) 0.9 0.72 HSI RC osc. (16 MHz) fCPU = fMASTER/128 = 125 kHz 0.58 0.46 HSI RC osc. (16 MHz/8) fCPU = fMASTER/128 = 15.625 kHz 0.57 0.42 LSI RC osc. (128 kHz) fCPU = fMASTER = 128 kHz (1) Data based on characterization results, not tested in production. (2) Default clock configuration measured with all peripherals off. Table 22: Total current consumption with code execution in run mode at VDD = 3.3 V Unit Max (1) Typ Conditions Parameter Symbol mA 1.8 HSE crystal osc. (16 MHz) fCPU = fMASTER = 16 MHz Supply current in run mode, code executed from RAM IDD(RUN) 2.3 2 HSE user ext. clock (16 MHz) 2 1.5 HSI RC osc. (16 MHz) 0.81 HSE user ext. clock (16 MHz) fCPU = fMASTER/ 128 = 125 kHz 0.87 0.7 HSI RC osc. (16 MHz) 0.58 0.46 HSI RC osc. (16 MHz/8) fCPU = fMASTER/ 128 = 15.625 kHz 0.55 0.41 LSI RC osc. (128 kHz) fCPU = fMASTER = 128 kHz 4 HSE crystal osc. (16 MHz) fCPU = fMASTER = 16 MHz Supply current in run mode, code executed from Flash 4.7 3.9 HSE user ext. clock (16 MHz) 4.5 3.7 HSI RC osc. (16 MHz) 1.05 0.84 HSI RC osc. (16 MHz/8) (2) fCPU = fMASTER = 2 MHz 0.9 0.72 HSI RC osc. (16 MHz) fCPU = fMASTER/ DocID15441 Rev 6 54/113 STM8S103K3 STM8S103F3 STM8S103F2 Electrical characteristics |