| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
W25Q32FVZPIP Datasheet(PDF) 97 Page - Winbond |
|
|
|||||||||||||||||||||||||||||
W25Q32FVZPIP Datasheet(HTML) 97 Page - Winbond |
|
97 / 99 page ![]() W25Q32FV Publication Release Date: Sept 16,, 2013 - 96 - Revision H 11.1 Valid Part Numbers and Top Side Marking The following table provides the valid part numbers for the W25Q32FV SpiFlash Memory. Please contact Winbond for specific availability by density and package type. Winbond SpiFlash memories use a 12-digit Product Number for ordering. However, due to limited space, the Top Side Marking on all packages uses an abbreviated 10-digit number. PACKAGE TYPE DENSITY PRODUCT NUMBER TOP SIDE MARKING SS SOIC-8 208-mil 32M-bit W25Q32FVSSIG W25Q32FVSSIP W25Q32FVSSIQ W25Q32FVSSIF 25Q32FVSIG 25Q32FVSIP 25Q32FVSIQ 25Q32FVSIF ST (1) VSOP-8 208-mil 32M-bit W25Q32FVSTIG W25Q32FVSTIP W25Q32FVSTIF 25Q32FVTIG 25Q32FVTIP 25Q32FVTIF SF SOIC-16 300-mil 32M-bit W25Q32FVSFIG W25Q32FVSFIP W25Q32FVSFIQ W25Q32FVSFIF 25Q32FVFIG 25Q32FVFIP 25Q32FVFIQ 25Q32FVFIF DA PDIP-8 300-mil 32M-bit W25Q32FVDAIG W25Q32FVDAIP W25Q32FVDAIQ W25Q32FVDAIF 25Q32FVAIG 25Q32FVAIP 25Q32FVAIQ 25Q32FVAIF ZP WSON-8 6x5-mm 32M-bit W25Q32FVZPIG W25Q32FVZPIP W25Q32FVZPIQ W25Q32FVZPIF 25Q32FVIG 25Q32FVIP 25Q32FVIQ 25Q32FVIF ZE WSON-8 8x6-mm 32M-bit W25Q32FVZEIG W25Q32FVZEIP W25Q32FVZEIF 25Q32FVIG 25Q32FVIP 25Q32FVIF TB (1) TFBGA-24 8x6-mm (5x5 Ball Array) 32M-bit W25Q32FVTBIG W25Q32FVTBIP W25Q32FVTBIF 25Q32FVBIG 25Q32FVBIP 25Q32FVBIF TC (1) TFBGA-24 8x6-mm (6x4 Ball Array) 32M-bit W25Q32FVTCIG W25Q32FVTCIP W25Q32FVTCIF 25Q32FVCIG 25Q32FVCIP 25Q32FVCIF Note: 1.These package types are special order, please contact Winbond for more information. |