Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

APA600 Datasheet(PDF) 16 Page - Microsemi Corporation

No. de pieza APA600
Descripción Electrónicos  ProASICPLUS Flash Family FPGAs
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APA600 Datasheet(HTML) 16 Page - Microsemi Corporation

Back Button APA600 Datasheet HTML 12Page - Microsemi Corporation APA600 Datasheet HTML 13Page - Microsemi Corporation APA600 Datasheet HTML 14Page - Microsemi Corporation APA600 Datasheet HTML 15Page - Microsemi Corporation APA600 Datasheet HTML 16Page - Microsemi Corporation APA600 Datasheet HTML 17Page - Microsemi Corporation APA600 Datasheet HTML 18Page - Microsemi Corporation APA600 Datasheet HTML 19Page - Microsemi Corporation APA600 Datasheet HTML 20Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 178 page
background image
ProASICPLUS Flash Family FPGAs
2- 6
v5.9
Input/Output Blocks
To meet complex system demands, the ProASICPLUS
family offers devices with a large number of user I/O
pins; up to 712 on the APA1000. Table 2-3 shows the
available supply voltage configurations (the PLL block
uses an independent 2.5 V supply on the AVDD and
AGND pins). All I/Os include ESD protection circuits. Each
I/O has been tested to 2000 V to the human body model
(per JESD22 (HBM)).
Six or seven standard I/O pads are grouped with a GND
pad and either a VDD (core power) or VDDP (I/O power)
pad. Two reference bias signals circle the chip. One
protects the cascaded output drivers, while the other
creates a virtual VDD supply for the I/O ring.
I/O pads are fully configurable to provide the maximum
flexibility and speed. Each pad can be configured as an
input, an output, a tristate driver, or a bidirectional
buffer (Figure 2-6 and Table 2-4).
Table 2-3 •
ProASICPLUS I/O Power Supply Voltages
VDDP
2.5 V
3.3 V
Input Compatibility
2.5V
3.3V
Output Drive
2.5V
3.3V
Figure 2-6 • I/O Block Schematic Representation
3.3 V / 2.5 V
Signal Control
Pull-up
Control
Pad
Y
EN
A
3.3 V / 2.5 V Signal Control Drive
Strength and Slew-Rate Control
Table 2-4 •
I/O Features
Function
Description
I/O pads configured as inputs
•
Selectable 2.5 V or 3.3 V threshold levels
•
Optional pull-up resistor
•
Optionally configurable as Schmitt trigger input. The Schmitt trigger input option can be
configured as an input only, not a bidirectional buffer. This input type may be slower than
a standard input under certain conditions and has a typical hysteresis of 0.35 V. I/O macros
with an "S" in the standard I/O library have added Schmitt capabilities.
•
3.3 V PCI Compliant (except Schmitt trigger inputs)
I/O pads configured as outputs
•
Selectable 2.5 V or 3.3 V compliant output signals
•
2.5 V – JEDEC JESD 8-5
•
3.3 V – JEDEC JESD 8-A (LVTTL and LVCMOS)
•
3.3 V PCI compliant
•
Ability to drive LVTTL and LVCMOS levels
•
Selectable drive strengths
•
Selectable slew rates
•
Tristate
I/O pads configured as bidirectional
buffers
•
Selectable 2.5 V or 3.3 V compliant output signals
•
2.5 V – JEDEC JESD 8-5
•
3.3 V – JEDEC JESD 8-A (LVTTL and LVCMOS)
•
3.3 V PCI compliant
•
Optional pull-up resistor
•
Selectable drive strengths
•
Selectable slew rates
•
Tristate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com