Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

APA600 Datasheet(PDF) 68 Page - Microsemi Corporation

No. de pieza APA600
Descripción Electrónicos  ProASICPLUS Flash Family FPGAs
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APA600 Datasheet(HTML) 68 Page - Microsemi Corporation

Back Button APA600 Datasheet HTML 64Page - Microsemi Corporation APA600 Datasheet HTML 65Page - Microsemi Corporation APA600 Datasheet HTML 66Page - Microsemi Corporation APA600 Datasheet HTML 67Page - Microsemi Corporation APA600 Datasheet HTML 68Page - Microsemi Corporation APA600 Datasheet HTML 69Page - Microsemi Corporation APA600 Datasheet HTML 70Page - Microsemi Corporation APA600 Datasheet HTML 71Page - Microsemi Corporation APA600 Datasheet HTML 72Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 178 page
background image
ProASICPLUS Flash Family FPGAs
2- 58
v5.9
Asynchronous SRAM Read, Address Controlled, RDB=0
Asynchronous SRAM Read, RDB Controlled
Note: The plot shows the normal operation status.
Figure 2-31 • Asynchronous SRAM Read, Address Controlled, RDB = 0
Table 2-55 • TJ = 0°C to 110°C; VDD = 2.3 V to 2.7 V for Commercial/Industrial
TJ = –55°C to 150°C, VDD = 2.3 V to 2.7 V for Military/MIL-STD-883B
Symbol txxx
Description
Min.
Max.
Units
Notes
ACYC
Read cycle time
7.5
ns
OAA
New DO access from RADDR stable
7.5
ns
OAH
Old DO hold from RADDR stable
3.0
ns
RPAA
New RPE access from RADDR stable
10.0
ns
RPAH
Old RPE hold from RADDR stable
3.0
ns
Note: The plot shows the normal operation status.
Figure 2-32 • Asynchronous SRAM Read, RDB Controlled
RPE
DO
RADDR
tOAH
tRPAH
tOAA
tRPAA
tACYC
RB=(RDB+RBLKB)
RPE
DO
tORDH
tORDA
tRPRDA
tRDML
tRDCYC
tRDMH
tRPRDH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com