Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

APA600 Datasheet(PDF) 47 Page - Microsemi Corporation

No. de pieza APA600
Descripción Electrónicos  ProASICPLUS Flash Family FPGAs
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APA600 Datasheet(HTML) 47 Page - Microsemi Corporation

Back Button APA600 Datasheet HTML 43Page - Microsemi Corporation APA600 Datasheet HTML 44Page - Microsemi Corporation APA600 Datasheet HTML 45Page - Microsemi Corporation APA600 Datasheet HTML 46Page - Microsemi Corporation APA600 Datasheet HTML 47Page - Microsemi Corporation APA600 Datasheet HTML 48Page - Microsemi Corporation APA600 Datasheet HTML 49Page - Microsemi Corporation APA600 Datasheet HTML 50Page - Microsemi Corporation APA600 Datasheet HTML 51Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 178 page
background image
ProASICPLUS Flash Family FPGAs
v5.9
2-37
IOSH
Output Short Circuit Current
High
3.3 V High Drive (OB33P)
3.3 V Low Drive (OB33L)
VIN = GND
VIN = GND
–200
–100
IOSL
Output Short Circuit Current
Low
3.3 V High Drive
3.3 V Low Drive
VIN = VDD
VIN = VDD
200
100
CI/O
I/O Pad Capacitance
10
pF
CCLK
Clock Input Pad Capacitance
10
pF
Table 2-23 • DC Electrical Specifications (VDDP = 3.3 V ±0.3 V and VDD = 2.5 V ±0.2 V) (Continued)
Applies to Commercial and Industrial Temperature Only
Symbol
Parameter
Conditions
Commercial/Industrial1
Units
Min.
Typ.
Max.
Notes:
1. All process conditions. Commercial/Industrial: Junction Temperature: –40 to +110°C.
2. During transitions, the input signal may overshoot to VDDP +1.0 V for a limited time of no larger than 10% of the duty cycle.
3. During transitions, the input signal may undershoot to –1.0 V for a limited time of no larger than 10% of the duty cycle.
4. No pull-up resistor required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com