| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LJT07R Datasheet(PDF) 8 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
LJT07R Datasheet(HTML) 8 Page - Amphenol Corporation |
|
8 / 57 page ![]() 6 JT 22-1 X 22-2 XXPP 22-14 2 22-21 XXPP 22-32 X X P 22-35 X 22-53 P 22-55 XXPP 24-1 X 24-2 X 24-4 X P P 24-19 2 24-24 X P P 24-29 X 24-35 X 24-37 2 24-43 3 24-61 XXPP Class Class Service Con- 8 8†† 10 12 Solder Crimp H Y* Rating tacts 22D 22M 22 20 16 12 (Coax) (Twinax) (Power) Coax N4 II 19 17 M 100 100 M85 85 M6 6 I14 14 II 21 21 I32 32 I34 34 M 100 100 I53 53 I55 55 II 16 16 II 11 11 M 128 128 M 100 100 I56 48 8 M99 97 2 N11 2 9 I19 19 N30 10 13 3 4 I24 12 12 I29 29 M 128 128 I37 37 I43 23 20 I46 40 4 2† I61 61 JT/LJT insert availability and identification (P) Pin inserts only (consult Amphenol, Sidney, NY for socket availability) (2) Not tooled for RP or 02RE (3) Pin inserts only, not tooled for RP or 02RE (consult Amphenol, Sidney, NY for availability) * Same as H with interfacial seal ** Two size 16 contacts dedicated to fiber optics. Consult Amphenol, Sidney, NY or catalog section 12-352 for fiber optic contact information. † For RG180/U and RG195/U cables only (consult Amphenol, Sidney, NY for other cable applications) †† Size 8 Coax and Twinax are interchangeable (4) MS connector 21-75 is supplied with four size 8 twinax contacts. Proprietary connector 21-75 is supplied with four size 8 coax contacts. (5) MS connector 21-79 has provision for two size 8 coax contacts. Coax contacts are not supplied unless specified by customer. ★ Ground plane proprietary option available. See page 55 for further information on ground plane connectors. (See Note 4) (See Note 5) Hermetics Contact Size Total LJT 21-75 ★ 2 21-79 2 23-1 X 23-2 XXPP 23-6 ★ P 23-14 2 23-21 ★ XXPP 23-32 X P 23-34 X 23-35 X 23-53 X X P 23-55 3 23-97 X 23-99 X 25-1 X 25-2 X 25-4 X 25-7 2 25-11 2 25-19 ★ 2 25-20 2 25-24 ★ X 25-29 ★ XX 25-35 X 25-37 ★ 2 25-43 X 2 P P 25-46 2 25-61 XXPP |