Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LJT07R Datasheet(PDF) 30 Page - Amphenol Corporation

No. de pieza LJT07R
Descripción Electrónicos  Amphenol JT/LJT Subminiature Cylindrical Connectors
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMPHENOL [Amphenol Corporation]
Página de inicio  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

LJT07R Datasheet(HTML) 30 Page - Amphenol Corporation

Back Button LJT07R Datasheet HTML 26Page - Amphenol Corporation LJT07R Datasheet HTML 27Page - Amphenol Corporation LJT07R Datasheet HTML 28Page - Amphenol Corporation LJT07R Datasheet HTML 29Page - Amphenol Corporation LJT07R Datasheet HTML 30Page - Amphenol Corporation LJT07R Datasheet HTML 31Page - Amphenol Corporation LJT07R Datasheet HTML 32Page - Amphenol Corporation LJT07R Datasheet HTML 33Page - Amphenol Corporation LJT07R Datasheet HTML 34Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 57 page
background image
28
JT/LJT
— accessories
strain relief (crimp type)
* 10-405982-XXX (MS27506XXX-2 reference M85049/49)
For MS stamping identification, accessories must be ordered by MS part number.
If ordered by 10-part number, they will be stamped with said number.
*To complete order number, add shell size and suffix number.
10-Number
MS27506
M85049/49
Finish
Suffix
Suffix
Suffix
Chromate treat
-XX0
NA
Anodic coating
-XX5
CXX-2
(-2-XXA)
Cadmium plate nickel base
-XX7
AXX-2
NA
Olive drab, cadmium, nickel base
-XX9
BXX-2
(-2-XXW)
Electroless nickel
-XXG
FXX-2
(-2-XXN)
Y
B
Thread (Modified)
BB
Dia.
Dia.
Shell
+.010
G
L
Size
Modified
+.000
Screw
Size
–.025
Max.
Max.
Class 2B
Minor Dia.
–.011
Size
8
.125
.775
.984
.4375-28UNEF
.399 –
.405
.250
6-32UNC
10
.188
.837
.984
.5625-24UNEF
.524 –
.529
.312
6-32UNC
12
.312
.963
.984
.6875-24UNEF
.649 –
.654
.438
6-32UNC
14
.375
1.087
1.234
.8125-20UNEF
.766 –
.771
.562
6-32UNC
16
.500
1.150
1.234
.9375-20UNEF
.891 –
.896
.625
6-32UNC
18
.625
1.400
1.234
1.0625-18UNEF
1.002 – 1.007
.750
8-32UNC
20
.625
1.400
1.234
1.1875-18UNEF
1.135 – 1.140
.750
8-32UNC
22
.750
1.587
1.359
1.3125-18UNEF
1.252 – 1.257
.938
8-32UNC
24
.800
1.681
1.281
1.4375-18UNEF
1.377 – 1.382
1.000
8-32UNC
For example: Shell size 10 with cadmium plate, nickel base would be 10-405982-107
or M85049/49-2-10W
All dimensions for reference only.
Note: For solder type cable clamp 10-241055-XXX (M85049/49) consult Amphenol, Sidney, NY.
L
Y
BB
B
GROMMET
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57