Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LJT07R Datasheet(PDF) 45 Page - Amphenol Corporation

No. de pieza LJT07R
Descripción Electrónicos  Amphenol JT/LJT Subminiature Cylindrical Connectors
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMPHENOL [Amphenol Corporation]
Página de inicio  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

LJT07R Datasheet(HTML) 45 Page - Amphenol Corporation

Back Button LJT07R Datasheet HTML 41Page - Amphenol Corporation LJT07R Datasheet HTML 42Page - Amphenol Corporation LJT07R Datasheet HTML 43Page - Amphenol Corporation LJT07R Datasheet HTML 44Page - Amphenol Corporation LJT07R Datasheet HTML 45Page - Amphenol Corporation LJT07R Datasheet HTML 46Page - Amphenol Corporation LJT07R Datasheet HTML 47Page - Amphenol Corporation LJT07R Datasheet HTML 48Page - Amphenol Corporation LJT07R Datasheet HTML 49Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 57 page
background image
43
D
L
D
L
D
M
.167
+.010
–.005
B
3.500
APPROX
D
L
6.000 APPROX
L1
1
.167
+.010
–.005
LJT — accessories
receptacle protection cap
* (MS27502XXXC)
* 10-427406-XXX
* 10-427950-XXX
For MS stamping identification, accessories must be ordered by MS part number.
If ordered by 10- part number, they will be stamped with said number.
* To complete order number, add shell size and suffix number.
For example, shell size 11 with cadmium plate, nickel base would be 10-427406-117, MS27502A11C or MS20047A11.
B Dia.
D
Shell
+.010
Dia.
L
L1
M
Size
–.000
Max
Max.
Max.
±.250
9
.703
.844
1.070
.844
3.000
11
.844
.969
1.070
.844
3.000
13
1.016
1.125
1.070
.844
3.500
15
1.141
1.250
1.070
.844
3.500
17
1.266
1.406
1.070
.844
3.500
19
1.391
1.500
1.070
.844
3.500
21
1.516
1.625
1.070
.844
4.000
23
1.641
1.750
1.070
.844
4.000
25
1.766
1.875
1.089
.875
4.000
MS
MS
10-
Number
Number
Number
Suffix
Suffix
Finish
Suffix
with chain
without chain
Chromate treat
-XX0
Anodic coating
-XX5
CXXC
CXX
Cadmium plate nickel base
-XX7
AXXC
AXX
Olive drab, cadmium, nickel base
-XX9
BXXC
BXX
Electroless nickel
-XXG
FXXC
FXX
All dimensions for reference only.
* 10-275197-XXX (MS27502)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57