Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PCA9537DP Datasheet(PDF) 8 Page - NXP Semiconductors

No. de pieza PCA9537DP
Descripción Electrónicos  4-bit I2C-bus and SMBus low power I/O port with interrupt and reset
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9537DP Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA9537DP Datasheet HTML 4Page - NXP Semiconductors PCA9537DP Datasheet HTML 5Page - NXP Semiconductors PCA9537DP Datasheet HTML 6Page - NXP Semiconductors PCA9537DP Datasheet HTML 7Page - NXP Semiconductors PCA9537DP Datasheet HTML 8Page - NXP Semiconductors PCA9537DP Datasheet HTML 9Page - NXP Semiconductors PCA9537DP Datasheet HTML 10Page - NXP Semiconductors PCA9537DP Datasheet HTML 11Page - NXP Semiconductors PCA9537DP Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
PCA9537_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 7 May 2009
8 of 24
NXP Semiconductors
PCA9537
4-bit I2C-bus and SMBus low power I/O port with interrupt and reset
6.7 Bus transactions
Data is transmitted to the PCA9537 registers using the write mode as shown in Figure 5
and Figure 6. Data is read from the PCA9537 registers using the read mode as shown in
Figure 7 and Figure 8. These devices do not implement an auto-increment function so
once a command byte has been sent, the register which was addressed will continue to
be accessed by reads until a new command byte has been sent.
Expanded diagram is shown in Figure 16.
Fig 5.
Write to output port register
0
A
S
slave address
START condition
R/W
acknowledge
from slave
002aae636
0000001
0
command byte
A
acknowledge
from slave
12345678
SCL
9
SDA
DATA 1
A
write to port
data out from port
tv(Q)
acknowledge
from slave
DATA 1 VALID
data to port
001001
1
P
STOP
condition
Fig 6.
Write to configuration or polarity inversion registers
0
A
S
slave address
START condition
R/W
acknowledge
from slave
002aae637
000001 1/0
0
command byte
A
acknowledge
from slave
12345678
SCL
9
SDA
DATA 1
A
data to register
acknowledge
from slave
data to register
001001
1
P
STOP
condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com