Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PCA9537DP Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza PCA9537DP
Descripción Electrónicos  4-bit I2C-bus and SMBus low power I/O port with interrupt and reset
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9537DP Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA9537DP Datasheet HTML 1Page - NXP Semiconductors PCA9537DP Datasheet HTML 2Page - NXP Semiconductors PCA9537DP Datasheet HTML 3Page - NXP Semiconductors PCA9537DP Datasheet HTML 4Page - NXP Semiconductors PCA9537DP Datasheet HTML 5Page - NXP Semiconductors PCA9537DP Datasheet HTML 6Page - NXP Semiconductors PCA9537DP Datasheet HTML 7Page - NXP Semiconductors PCA9537DP Datasheet HTML 8Page - NXP Semiconductors PCA9537DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
PCA9537_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 7 May 2009
3 of 24
NXP Semiconductors
PCA9537
4-bit I2C-bus and SMBus low power I/O port with interrupt and reset
5.
Pinning information
5.1 Pinning
5.2 Pin description
Fig 2.
Pin configuration for TSSOP10
PCA9537DP
IO0
VDD
IO1
SDA
IO2
SCL
IO3
INT
VSS
RESET
002aae633
1
2
3
4
5
6
8
7
10
9
Table 2.
Pin description
Symbol
Pin
Description
IO0
1
input/output 0
IO1
2
input/output 1
IO2
3
input/output 2
IO3
4
input/output 3
VSS
5
supply ground
RESET
6
active LOW reset input
INT
7
interrupt output (open-drain)
SCL
8
serial clock line
SDA
9
serial data line
VDD
10
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com