Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PCA9537DP Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza PCA9537DP
Descripción Electrónicos  4-bit I2C-bus and SMBus low power I/O port with interrupt and reset
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9537DP Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9537DP Datasheet HTML 1Page - NXP Semiconductors PCA9537DP Datasheet HTML 2Page - NXP Semiconductors PCA9537DP Datasheet HTML 3Page - NXP Semiconductors PCA9537DP Datasheet HTML 4Page - NXP Semiconductors PCA9537DP Datasheet HTML 5Page - NXP Semiconductors PCA9537DP Datasheet HTML 6Page - NXP Semiconductors PCA9537DP Datasheet HTML 7Page - NXP Semiconductors PCA9537DP Datasheet HTML 8Page - NXP Semiconductors PCA9537DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
PCA9537_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 7 May 2009
2 of 24
NXP Semiconductors
PCA9537
4-bit I2C-bus and SMBus low power I/O port with interrupt and reset
I Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
I Offered in TSSOP10 package
3.
Ordering information
4.
Block diagram
Table 1.
Ordering information
Tamb = −40 °C to +85 °C
Type number
Topside
mark
Package
Name
Description
Version
PCA9537DP
9537
TSSOP10
plastic thin shrink small outline package;
10 leads; body width 3 mm
SOT552-1
Remark: All I/Os are set to inputs at reset.
Fig 1.
Block diagram of PCA9537
PCA9537
POWER-ON
RESET
002aae634
I2C-BUS/SMBus
CONTROL
INPUT
FILTER
SCL
SDA
VDD
INPUT/
OUTPUT
PORTS
IO0
VSS
4-bit
write pulse
read pulse
IO2
IO1
IO3
LP
FILTER
VDD
INT
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com