Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UCD7201 Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza UCD7201
Descripción Electrónicos  Digital Control Compatible Dual Low-Side 짹4 Amp MOSFET Drivers with Programmable Common Current Sense
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

UCD7201 Datasheet(HTML) 2 Page - Texas Instruments

  UCD7201_13 Datasheet HTML 1Page - Texas Instruments UCD7201_13 Datasheet HTML 2Page - Texas Instruments UCD7201_13 Datasheet HTML 3Page - Texas Instruments UCD7201_13 Datasheet HTML 4Page - Texas Instruments UCD7201_13 Datasheet HTML 5Page - Texas Instruments UCD7201_13 Datasheet HTML 6Page - Texas Instruments UCD7201_13 Datasheet HTML 7Page - Texas Instruments UCD7201_13 Datasheet HTML 8Page - Texas Instruments UCD7201_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
1
2
3
4
5
6
7
14
13
12
11
10
9
8
PWP−14 PACKAGE
(TOP VIEW)
NC − No internal connection
NC
3V3
IN1
AGND
IN2
CLF
ILIM
NC
VDD
PVDD
OUT1
OUT2
PGND
CS
UCD7201
SLUS645E – FEBRUARY 2005 – REVISED NOVEMBER 2009
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
DESCRIPTION (CONT.)
For similar applications requiring direct start-up capability from higher voltages such as the 48-V telecom input
line, the UCD7601 includes a 110-V high-voltage startup circuit.
The UCD7K driver family is compatible with standard 3.3-V I/O ports of DSPs, Microcontrollers, or ASICs.
UCD7201 is offered in a PowerPAD™ HTSSOP-14 package.
CONNECTION DIAGRAMS
ORDERING INFORMATION
110-V HV
PACKAGED DEVICES
CURRENT SENSE LIMIT PER
TEMPERATURE RANGE
STARTUP
CHANNEL
PowerPAD™ HTSSOP-14 (PWP)(1)
CIRCUIT
-40°C to 105°C
Common
No
UCD7201PWP
(1)
HTSSOP-14 (PWP) package is available taped and reeled. Add R suffix to device type (e.g. UCD7201PWPR) to order quantities of
2,000 devices per reel for the PWP package.
PACKAGING INFORMATION
θJC
θJA
POWER RATING
DERATING FACTOR,
PACKAGE
SUFFIX
TA = 70°C,
ABOVE 70°C (mW/°C)
(°C/W)
(°C/W)
TJ = 125°C (mW)
PowerPAD™
PWP
2.07
37.47(1)
1470
27
HTSSOP- 14
(1)
PowerPAD™ soldered to the PWB (TI recommended PWB as defind in TI's application report SLMA002 pg.33) with OLFM.
2
Submit Documentation Feedback
Copyright © 2005–2009, Texas Instruments Incorporated
Product Folder Link(s): UCD7201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com