Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DTW2070 Datasheet(PDF) 3 Page - DinTek Semiconductor Co,.Ltd

No. de pieza DTW2070
Descripción Electrónicos  Power MOSFET Low-Profile Through-Hole Fast Switching
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DINTEK [DinTek Semiconductor Co,.Ltd]
Página de inicio  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTW2070 Datasheet(HTML) 3 Page - DinTek Semiconductor Co,.Ltd

  DTW2070 Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTW2070 Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTW2070 Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTW2070 Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTW2070 Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTW2070 Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTW2070 Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd DTW2070 Datasheet HTML 8Page - DinTek Semiconductor Co,.Ltd DTW2070 Datasheet HTML 9Page - DinTek Semiconductor Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Fig. 1 - Typical Output Characteristics, TJ = 25 °C
Fig. 2 - Typical Output Characteristics, TJ = 175 °C
Fig. 3 - Typical Transfer Characteristics
Fig. 4 - Normalized On-Resistance vs. Temperature
91037_01
Bottom
Top
V
GS
15 V
10 V
8.0 V
7.0 V
6.0 V
5.5 V
5.0 V
4.5 V
20 µs Pulse Width
T
C = 25 °C
4.5 V
VDS, Drain-to-Source Voltage (V)
100
101
101
100
10-1
101
100
10-1
100
101
VDS, Drain-to-Source Voltage (V)
Bottom
Top
V
GS
15 V
10 V
8.0 V
7.0 V
6.0 V
5.5 V
5.0 V
4.5 V
20 µs Pulse Width
T
C = 150 °C
91037_02
4.5 V
20 µs Pulse Width
V
DS = 50 V
101
100
10-1
VGS, Gate-to-Source Voltage (V)
5
6
789
10
4
25
°C
150
°C
91037_03
I
D = 20 A
V
GS = 10 V
3.0
0.0
0.5
1.0
1.5
2.0
2.5
TJ, Junction Temperature (°C)
91037_04
- 60 - 40 - 20 0
20 40 60 80 100 120 140 160
www.din-tek.jp
DTW2070



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com