Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI8711CD-B-IM Datasheet(PDF) 29 Page - Silicon Laboratories

No. de pieza SI8711CD-B-IM
Descripción Electrónicos  5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8711CD-B-IM Datasheet(HTML) 29 Page - Silicon Laboratories

Back Button SI8711CD-B-IM Datasheet HTML 25Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 26Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 27Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 28Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 29Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 30Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 31Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 32Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 33Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
Si87xx
Preliminary Rev. 0.5
29
15. Land Pattern: SDIP6
Figure 20 illustrates the recommended land pattern details for the Si87xx in an SDIP6 package. Table 21 lists the
values for the dimensions shown in the illustration.
Figure 20. SDIP6 Land Pattern
Table 21. SDIP6 Land Pattern Dimensions*
Dimension
Min
Max
C
10.45
10.50
E1.27 BSC
X0.55
0.60
Y2.00
2.05
*Note: This Land Pattern Design is based on the IPC-7351 specification.
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36