Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI8711CD-B-IM Datasheet(PDF) 23 Page - Silicon Laboratories

No. de pieza SI8711CD-B-IM
Descripción Electrónicos  5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8711CD-B-IM Datasheet(HTML) 23 Page - Silicon Laboratories

Back Button SI8711CD-B-IM Datasheet HTML 19Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 20Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 21Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 22Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 23Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 24Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 25Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 26Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 27Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
Si87xx
Preliminary Rev. 0.5
23
10. Package Outline: 8-Pin Narrow Body SOIC
Figure 15 illustrates the package details for the Si87xx in an 8-pin narrow-body SOIC package. Table 16 lists the
values for the dimensions shown in the illustration.
Figure 15. 8-Pin Narrow Body SOIC Package
Table 16. 8-Pin Narrow Body SOIC Package Diagram Dimensions
Symbol
Millimeters
Min
Max
A1.35
1.75
A1
0.10
0.25
A2
1.40 REF
1.55 REF
B0.33
0.51
C0.19
0.25
D4.80
5.00
E3.80
4.00
e
1.27 BSC
H5.80
6.20
h0.25
0.50
L0.40
1.27
0
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36