Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI8711CD-B-IM Datasheet(PDF) 9 Page - Silicon Laboratories

No. de pieza SI8711CD-B-IM
Descripción Electrónicos  5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8711CD-B-IM Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button SI8711CD-B-IM Datasheet HTML 5Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 6Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 7Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 8Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 9Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 10Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 11Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 12Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Si87xx
Preliminary Rev. 0.5
9
Figure 2. (DIP8) Thermal Derating Curve, Dependence of Safety Limiting Values
with Case Temperature per DIN EN 60747-5-2
Figure 3. (SDIP6) Thermal Derating Curve, Dependence of Safety Limiting Values
with Case Temperature per DIN EN 60747-5-2
400
600
800
1000
1200
Ps (mW)
Is(mA)
0
200
0
20406080
100
120
140
Ts CaseTemperature (°C)
400
600
800
1000
1200
Ps (mW)
Is (mA)
0
200
0
20406080
100
120
140
Ts CaseTemperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36