| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32F407IE Datasheet(PDF) 44 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F407IE Datasheet(HTML) 44 Page - STMicroelectronics |
|
44 / 154 page ![]() Pinouts and pin description STM32F405xx, STM32F407xx 44/154 Doc ID 022152 Rev 1 -19 30 G3 36 VDD VDD 12 20 31 M1 37 VSSA VSSA -- - N1 - VREF– VREF- -21 32 P1 38 VREF+ VREF+ 13 22 33 R1 39 VDDA VDDA 14 23 34 N3 40 PA0(6)-WKUP(5) FT PA0-WKUP USART2_CTS/ USART4_TX/ ETH_MII_CRS / TIM2_CH1_ETR/ TIM5_CH1 / TIM8_ETR/ADC123_IN0/WKUP 15 24 35 N2 41 PA1(5) FT PA1 USART2_RTS / USART4_RX/ ETH_RMII_REF_CLK / ETH_MII_RX_CLK / TIM5_CH2 / TIMM2_CH2/ADC123_IN1 16 25 36 P2 42 PA2(5) FT PA2 USART2_TX/TIM5_CH3 / TIM9_CH1 / TIM2_CH3 / ETH_MDIO/ADC123_IN2 -- - F4 43 PH2 FT PH2 ETH_MII_CRS -- - G4 44 PH3 FT PH3 ETH_MII_COL -- - H4 45 PH4 FT PH4 I2C2_SCL / OTG_HS_ULPI_NXT -- - J4 46 PH5 FT PH5 I2C2_SDA 17 26 37 R2 47 PA3(5) FT PA3 USART2_RX/TIM5_CH4 / TIM9_CH2 / TIM2_CH4 / OTG_HS_ULPI_D0 / ETH_MII_COL/ADC123_IN3 18 27 38 - 48 VSS_4 VSS_4 L4 - BYPASS_REG BYPASS_ REG 19 28 39 K4 49 VDD VDD 20 29 40 N4 50 PA4(5) FT PA4 SPI1_NSS / SPI3_NSS / USART2_CK / DCMI_HSYNC / OTG_HS_SOF/ I2S3_WS/ADC12_IN4 /DAC1_OUT 21 30 41 P4 51 PA5(5) FT PA5 SPI1_SCK/ OTG_HS_ULPI_CK / / TIM2_CH1_ETR/ TIM8_CHIN/ADC12_IN5/DAC2_OUT 22 31 42 P3 52 PA6(5) FT PA6 SPI1_MISO / TIM8_BKIN/TIM13_CH1 / DCMI_PIXCLK / TIM3_CH1 / TIM1_BKIN/ADC12_IN6 23 32 43 R3 53 PA7(5) FT PA7 SPI1_MOSI/ TIM8_CH1N / TIM14_CH1 TIM3_CH2/ ETH_MII_RX_DV / TIM1_CH1N / RMII_CRS_DV/ADC12_IN7 24 33 44 N5 54 PC4(5) FT PC4 ETH_RMII_RX_D0 / ETH_MII_RX_D0/ ADC12_IN14 25 34 45 P5 55 PC5(5) FT PC5 ETH_RMII_RX_D1 / ETH_MII_RX_D1/ ADC12_IN15 26 35 46 R5 56 PB0(5) FT PB0 TIM3_CH3 / TIM8_CH2N/ OTG_HS_ULPI_D1/ ETH_MII_RXD2 / TIM1_CH2N/ADC12_IN8 27 36 47 R4 57 PB1(5) FT PB1 TIM3_CH4 / TIM8_CH3N/ OTG_HS_ULPI_D2/ ETH_MII_RXD3 / OTG_HS_INTN / TIM1_CH3N/ADC12_IN9 28 37 48 M6 58 PB2 FT PB2-BOOT1 - - 49 R6 59 PF11 FT PF11 DCMI_12 -- 50 P6 60 PF12 FT PF12 FSMC_A6 -- 51 M8 61 VSS VSS Table 5. STM32F40x pin and ball definitions (continued) Pins Pin name Function(1) after reset Alternate functions(2) |