Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32F407IE Datasheet(PDF) 43 Page - STMicroelectronics

No. de pieza STM32F407IE
Descripción Electrónicos  USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F407IE Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STM32F407IE Datasheet HTML 39Page - STMicroelectronics STM32F407IE Datasheet HTML 40Page - STMicroelectronics STM32F407IE Datasheet HTML 41Page - STMicroelectronics STM32F407IE Datasheet HTML 42Page - STMicroelectronics STM32F407IE Datasheet HTML 43Page - STMicroelectronics STM32F407IE Datasheet HTML 44Page - STMicroelectronics STM32F407IE Datasheet HTML 45Page - STMicroelectronics STM32F407IE Datasheet HTML 46Page - STMicroelectronics STM32F407IE Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 154 page
background image
STM32F405xx, STM32F407xx
Pinouts and pin description
Doc ID 022152 Rev 1
43/154
Table 5.
STM32F40x pin and ball definitions
Pins
Pin name
Function(1) after
reset
Alternate functions(2)
-
1
1A21
PE2
FT
PE2
TRACECLK/ FSMC_A23 / ETH_MII_TXD3
-
2
2A12
PE3
FT
PE3
TRACED0/FSMC_A19
-
3
3B13
PE4
FT
PE4
TRACED1/FSMC_A20 / DCMI_D4
-
4
4B24
PE5
FT
PE5
TRACED2 / FSMC_A21 / TIM9_CH1 / DCMI_D6
-
5
5B35
PE6
FT
PE6
TRACED3 / FSMC_A22 / TIM9_CH2 / DCMI_D7
1
6
6C16
VBAT
VBAT
--
-
D2
7
PI8(3)
FT
PI8(4)
RTC_AF2
2
7
7D18
PC13(3)
FT
PC13(4)
RTC_AF1
3
8
8E19
PC14(3)-OSC32_IN(5)
FT
PC14(4)
OSC32_IN
49
9
F1
10
PC15(3)-OSC32_OUT(5)
FT
PC15(4)
OSC32_OUT
--
-
D3
11
PI9
FT
PI9
CAN1_RX
--
-
E3
12
PI10
FT
PI10
ETH_MII_RX_ER
--
-
E4
13
PI11
FT
PI11
OTG_HS_ULPI_DIR
--
-
F2
14
VSS
VSS
--
-
F3
15
VDD
VDD
-
-
10
E2
16
PF0
FT
PF0
FSMC_A0 / I2C2_SDA
-
-
11
H3
17
PF1
FT
PF1
FSMC_A1 / I2C2_SCL
-
-
12
H2
18
PF2
FT
PF2
FSMC_A2 / I2C2_SMBA
-
-
13
J2
19
PF3(5)
FT
PF3
FSMC_A3/ADC3_IN9
-
-
14
J3
20
PF4(5)
FT
PF4
FSMC_A4/ADC3_IN14
-
-
15
K3
21
PF5(5)
FT
PF5
FSMC_A5/ADC3_IN15
-10
16
G2
22
VSS
VSS
-11
17
G3
23
VDD
VDD
-
-
18
K2
24
PF6(5)
FT
PF6
TIM10_CH1 / FSMC_NIORD/ADC3_IN4
-
-
19
K1
25
PF7(5)
FT
PF7
TIM11_CH1/FSMC_NREG/ADC3_IN5
-
-
20
L3
26
PF8(5)
FT
PF8
TIM13_CH1 / FSMC_NIOWR/ADC3_IN6
-
-
21
L2
27
PF9(5)
FT
PF9
TIM14_CH1 / FSMC_CD/ADC3_IN7
-
-
22
L1
28
PF10(5)
FT
PF10
FSMC_INTR
512
23
G1
29
PH0(5)-OSC_IN
FT
PH0
OSC_IN
613
24
H1
30
PH1(5)-OSC_OUT
FT
PH1
OSC_OUT
7
14
25
J1
31
NRST
NRST
815
26
M2
32
PC0(5)
FT
PC0
OTG_HS_ULPI_STP/ADC123_IN10
916
27
M3
33
PC1(5)
FT
PC1
ETH_MDC/ADC123_IN11
10
17
28
M4
34
PC2(5)
FT
PC2
SPI2_MISO / OTG_HS_ULPI_DIR / TH_MII_TXD2
/I2S2ext_SD/ADC123_IN12
11
18
29
M5
35
PC3(5)
FT
PC3
SPI2_MOSI / I2S2_SD / OTG_HS_ULPI_NXT /
ETH_MII_TX_CLK/ADC123_IN13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More